Zakładka z wyszukiwarką danych komponentów |
|
ADCS7476AIMF Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
ADCS7476AIMF Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 33 page 7 ADCS7476, ADCS7477, ADCS7478 www.ti.com SNAS192G – APRIL 2003 – REVISED MAY 2016 Product Folder Links: ADCS7476 ADCS7477 ADCS7478 Submit Documentation Feedback Copyright © 2003–2016, Texas Instruments Incorporated Electrical Characteristics – ADCS7477 (continued) TA = 25°C, VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, and fSAMPLE = 1 MSPS (unless otherwise noted) (1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT IMD Intermodulation distortion, second order terms fa = 103.5 kHz, fb = 113.5 kHz –78 dB Intermodulation distortion, third order terms fa = 103.5 kHz, fb = 113.5 kHz –78 dB FPBW –3-dB full power bandwidth 5-V supply 11 MHz 3-V supply 8 MHz POWER SUPPLY CHARACTERISTICS IDD Normal mode (static) VDD = 4.75 V to 5.25 V, SCLK On or Off 2 mA VDD = 2.7 V to 3.6 V, SCLK On or Off 1 mA Normal mode (operational) VDD = 4.75 V to 5.25 V, fSAMPLE = 1 MSPS TA = 25°C 2 mA –40°C ≤ TA ≤ 85°C 3.5 VDD = 2.7 V to 3.6 V, fSAMPLE = 1 MSPS TA = 25°C 0.6 mA –40°C ≤ TA ≤ 85°C 1.6 Shutdown mode VDD = 5 V, SCLK Off 0.5 µA VDD = 5 V, SCLK On 60 PD Power consumption, normal mode (operational) VDD = 5 V, fSAMPLE = 1 MSPS TA = 25°C 10 mW –40°C ≤ TA ≤ 85°C 17.5 VDD = 3 V, fSAMPLE = 1 MSPS TA = 25°C 2 mW –40°C ≤ TA ≤ 85°C 4.8 Power consumption, shutdown mode VDD = 5 V, SCLK Off 2.5 µW VDD = 3 V, SCLK Off 1.5 ANALOG INPUT CHARACTERISTICS VIN Input range 0 to VDD V IDCL DC leakage current TA = −40°C to 85°C ±1 µA CINA Analog input capacitance 30 pF DIGITAL INPUT CHARACTERISTICS VIH Input high voltage TA = −40°C to 85°C 2.4 V VIL Input low voltage VDD = 5 V, –40°C ≤ TA ≤ 85°C 0.8 V VDD = 3 V, –40°C ≤ TA ≤ 85°C 0.4 V IIN Input current VIN = 0 V or VDD TA = 25°C ±10 nA –40°C ≤ TA ≤ 85°C ±1 µA CIND Digital input capacitance TA = 25°C 2 pF –40°C ≤ TA ≤ 85°C 4 DIGITAL OUTPUT CHARACTERISTICS VOH Output high voltage ISOURCE = 200 µA, VDD = 2.7 V to 5.25 V, –40°C ≤ TA ≤ 85°C VDD – 0.2 V VOL Output low voltage ISINK = 200 µA, –40°C ≤ TA ≤ 85°C 0.4 V IOL TRI-STATE leakage current –40°C ≤ TA ≤ 85°C ±10 µA COUT TRI-STATE output capacitance TA = 25°C 2 pF –40°C ≤ TA ≤ 85°C 4 Output coding Straight (natural) binary AC ELECTRICAL CHARACTERISTICS fSCLK Clock frequency –40°C ≤ TA ≤ 85°C 20 MHz DC SCLK duty cycle –40°C ≤ TA ≤ 85°C 40% 60% tTH Track or hold acquisition time –40°C ≤ TA ≤ 85°C 400 ns fRATE Throughput rate –40°C ≤ TA ≤ 85°C 1 MSPS tAD Aperture delay 3 ns |
Podobny numer części - ADCS7476AIMF |
|
Podobny opis - ADCS7476AIMF |