Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF06A-W3F-870-P Arkusz danych(PDF) 1 Page - OSRAM GmbH

Numer części LF06A-W3F-870-P
Szczegółowy opis  LINEARlight Flex Protect ADVANCED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF06A-W3F-870-P Arkusz danych(HTML) 1 Page - OSRAM GmbH

  LF06A-W3F-870-P Datasheet HTML 1Page - OSRAM GmbH LF06A-W3F-870-P Datasheet HTML 2Page - OSRAM GmbH LF06A-W3F-870-P Datasheet HTML 3Page - OSRAM GmbH LF06A-W3F-870-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2014-05-06
LINEARlight Flex® Protect ADVANCED G2 – LF06A-P
1/4
LINEARlight Flex Protect ADVANCED – LF06A-P
Technical Datasheet
Benefits
For outdoor use  IP67
High performance silicone:
extreme long life time: 50.000 h
high flexibility
Premounted feeder for easy connection
NEW: Slimmer Design
-
Reduced height: 3.7 mm
-
Elegant white appearance
-
Electronic components hidden
NEW: Shorter pitch compared to prior generation
Applications
Ships and boats, wall integration
Machine lighting
Path illumination, illuminated signs
Architectural lighting
Quick reference
Product
Order Code
Color
K
W/m
lm/m
lm/W
Shipping Units
LF06A-W3F-830-P
4008321789983
White
3000 K
5
350
70
1 / 8
LF06A-W3F-840-P
4008321790125
White
4000 K
5
390
78
1 / 8
LF06A-W3F-870-P
4008321790149
White
7000 K
5
390
78
1 / 8
Technical features
Protection Type
IP 67 (outdoor use)
High performance Silicone
High UV-resistancy
Saltmist proof
Dimmable
Pulse width modulation (PWM)
Binning
Fine white
Lifetime
50,000 h
Adhesive tape on backside
Tesa (High Performance Tape)
Fulfilled standards/tests
Flammability: Glow-wire test with 850°
– EN60598-1
Mixed gas corrosion test
– IEC60068-2-60
Complementary systems
CONNECTsystem IP67 LP, SLIMCONNECTsystem (IP54),
SLIM TRACK, OPTOTRONIC
100
16.7
11
3.7
10,000
all dimensions in mm


Podobny numer części - LF06A-W3F-870-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF06P2-W4F-830-P OSRAM-LF06P2-W4F-830-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF06P2-W4F-835-P OSRAM-LF06P2-W4F-835-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF06P2-W4F-840-P OSRAM-LF06P2-W4F-840-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
More results

Podobny opis - LF06A-W3F-870-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
   LINEARlight Colormix Flex Protect
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
   LINEARlight Colormix Flex
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
   LINEARLIGHT FLEX ECO
VFP1300-G1 OSRAM-VFP1300-G1 Datasheet
397Kb / 4P
   Value Flex Protect
VFP600-G2 OSRAM-VFP600-G2 Datasheet
394Kb / 4P
   Value Flex Protect
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com