Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N1488 Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części 2N1488
Szczegółowy opis  NPN SILICON HIGH POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N1488 Arkusz danych(HTML) 2 Page - Microsemi Corporation

  2N1488 Datasheet HTML 1Page - Microsemi Corporation 2N1488 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N1487, 2N1488, 2N1489, 2N1490 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 1.5 Adc, VCE = 4.0 Vdc
2N1487, 2N1488
2N1489, 2N1490
hFE
15
25
45
75
Collector-Emitter Saturation Voltage
IC = 1.5 Adc, IB = 300 mAdc
2N1487, 2N1488
IC = 1.5 Adc, IB = 100 mAdc
2N1489, 2N1490
VCE(sat)
3.0
1.0
Vdc
Base-Emitter Voltage
IC = 1.5 Adc, VCE = 4.0 Vdc
2N1487, 2N1488
2N1489, 2N1490
VBE(on)
3.0
2.0
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current
Transfer Ratio Cutoff Frequency
IC = 100 mAdc, VCB = 12 Vdc
f
hfb
500
kc
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
700
pF
SWITCHING CHARACTERISTICS
Turn-On / Turn-Off Time
VCC = 12 Vdc; IB0 = IB2 = 150 mAdc; IB1 = 300 mAdc; RC = 7.8 Ω
ton + toff
25
µs
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Podobny numer części - 2N1488

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
2N1488 ETC1-2N1488 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Podobny opis - 2N1488

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
   HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
   HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
   HIGH POWER NPN SILICON TRANSISTOR
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
   HIGH-POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
   NPN High Power Silicon Transistor
logo
ON Semiconductor
2N5882 ONSEMI-2N5882 Datasheet
98Kb / 8P
   Silicon NPN High-Power Transistor
March, 2001 ??Rev. 2
logo
STMicroelectronics
BUT70 STMICROELECTRONICS-BUT70 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
BUX10 STMICROELECTRONICS-BUX10 Datasheet
63Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com