Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD40109B Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części CD40109B
Szczegółowy opis  CMOS Quad Low-to-High Voltage Lever Shifter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD40109B Arkusz danych(HTML) 1 Page - Texas Instruments

  CD40109B Datasheet HTML 1Page - Texas Instruments CD40109B Datasheet HTML 2Page - Texas Instruments CD40109B Datasheet HTML 3Page - Texas Instruments CD40109B Datasheet HTML 4Page - Texas Instruments CD40109B Datasheet HTML 5Page - Texas Instruments CD40109B Datasheet HTML 6Page - Texas Instruments CD40109B Datasheet HTML 7Page - Texas Instruments CD40109B Datasheet HTML 8Page - Texas Instruments CD40109B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data sheet acquired from Harris Semiconductor
SCHS099B – Revised January 2003
The CD40109, unlike other low-to-high
level-shifting circuits, does not require the
presence of the high-voltage supply (VDD)
before
the
application
of
either
the
low-voltage supply (VCC) or the input
signals. There are no restrictions on the
sequence of application of VDD, VCC, or the
input
signals.
In
addition,
with
one
exception there are no restrictions on the
relative magnitudes of the supply voltages
or input signals within the device maximum
ratings, provided that the input signal
swings between VSS and at least 0.7 VCC;
VCC may exceed VDD, and input signals may
exceed VCC and VDD. When operated in the
mode VCC > VDD, the CD40109 will operate
as a high-to-low level-shifter.
The CD40109B-Series types are supplied in
16-lead
ceramic
dual-in-line
packages
(F3A suffix), 16-lead dual-in-line
plastic
packages (E suffix), 16-lead small-outline
packages (NSR suffix), and 16-lead thin shrink
small-outline packages (PW and PWR suffixes).
OUTPUT VOLTAGE RANGE, ALL OUTPUTS
–0.5 V to VDD +0.5 V
. . . . . . . . . . . . . . . . . .
Copyright
 2003, Texas Instruments Incorporated


Podobny numer części - CD40109B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD40109B TI-CD40109B Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BE TI-CD40109BE Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109BE TI-CD40109BE Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
CD40109BEE4 TI-CD40109BEE4 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
More results

Podobny opis - CD40109B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BPWRE4 TI-CD40109BPWRE4 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
CD40109B TI-CD40109B Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
logo
Intersil Corporation
CD40109BMS INTERSIL-CD40109BMS Datasheet
76Kb / 9P
   CMOS Quad Low-to-High Voltage Level Shifter
December 1992
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com