Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4054B Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4054B
Szczegółowy opis  CMOS Liquid-Crystal Display Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD4054B Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button CD4054B Datasheet HTML 3Page - Texas Instruments CD4054B Datasheet HTML 4Page - Texas Instruments CD4054B Datasheet HTML 5Page - Texas Instruments CD4054B Datasheet HTML 6Page - Texas Instruments CD4054B Datasheet HTML 7Page - Texas Instruments CD4054B Datasheet HTML 8Page - Texas Instruments CD4054B Datasheet HTML 9Page - Texas Instruments CD4054B Datasheet HTML 10Page - Texas Instruments CD4054B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Aug-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4056BMG4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4056BM
CD4056BMT
ACTIVE
SOIC
D
16
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4056BM
CD4056BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM056B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Podobny numer części - CD4054B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4054B TI-CD4054B Datasheet
311Kb / 6P
[Old version datasheet]   CMOS LIQUID-CRYSTAL DISPLAY DRIVERS
CD4054B TI-CD4054B Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054BE TI1-CD4054BE Datasheet
1,002Kb / 18P
[Old version datasheet]   CMOS Lquid-Crystal Display Drivers
CD4054BE TI1-CD4054BE Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054BE TI-CD4054BE Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
More results

Podobny opis - CD4054B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4054B TI-CD4054B Datasheet
311Kb / 6P
[Old version datasheet]   CMOS LIQUID-CRYSTAL DISPLAY DRIVERS
CD4055BPWRG4 TI-CD4055BPWRG4 Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054BPWR TI1-CD4054BPWR Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054B TI-CD4054B_12 Datasheet
1,002Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
logo
National Semiconductor ...
MM5452 NSC-MM5452 Datasheet
190Kb / 8P
   Liquid Crystal Display Drivers
MM5452 NSC-MM5452_01 Datasheet
315Kb / 9P
   Liquid Crystal Display Drivers
logo
STMicroelectronics
HCC4054B STMICROELECTRONICS-HCC4054B Datasheet
334Kb / 15P
   LIQUID-CRYSTAL DISPLAY DRIVERS
logo
Texas Instruments
MM5452 TI1-MM5452 Datasheet
636Kb / 13P
[Old version datasheet]   Liquid Crystal Display Drivers
CD4055BE TI1-CD4055BE Datasheet
1,002Kb / 18P
[Old version datasheet]   CMOS Lquid-Crystal Display Drivers
logo
List of Unclassifed Man...
S1D15605 ETC2-S1D15605 Datasheet
573Kb / 87P
   Single-chip dot matrix liquid crystal display drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com