Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4076BPW Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części CD4076BPW
Szczegółowy opis  CMOS 4-Bit D-type Registers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD4076BPW Arkusz danych(HTML) 5 Page - Texas Instruments

  CD4076BPW Datasheet HTML 1Page - Texas Instruments CD4076BPW Datasheet HTML 2Page - Texas Instruments CD4076BPW Datasheet HTML 3Page - Texas Instruments CD4076BPW Datasheet HTML 4Page - Texas Instruments CD4076BPW Datasheet HTML 5Page - Texas Instruments CD4076BPW Datasheet HTML 6Page - Texas Instruments CD4076BPW Datasheet HTML 7Page - Texas Instruments CD4076BPW Datasheet HTML 8Page - Texas Instruments CD4076BPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4076BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4076BE
CD4076BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4076BE
CD4076BF
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD4076BF
CD4076BF3A
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD4076BF3A
CD4076BM
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4076BM
CD4076BMG4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4076BM
CD4076BMT
ACTIVE
SOIC
D
16
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4076BM
CD4076BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM076B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.


Podobny numer części - CD4076BPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4076BPW TI-CD4076BPW Datasheet
218Kb / 11P
[Old version datasheet]   CMOS 4-BIT D-TYPE REGISTERS
CD4076BPWR TI-CD4076BPWR Datasheet
218Kb / 11P
[Old version datasheet]   CMOS 4-BIT D-TYPE REGISTERS
More results

Podobny opis - CD4076BPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD4076BMS INTERSIL-CD4076BMS Datasheet
78Kb / 9P
   CMOS 4 -Bit D-Type Registers
December 1992
logo
Texas Instruments
CD4076B TI-CD4076B Datasheet
218Kb / 11P
[Old version datasheet]   CMOS 4-BIT D-TYPE REGISTERS
logo
Renesas Technology Corp
CD4076BMS RENESAS-CD4076BMS Datasheet
357Kb / 9P
   CMOS 4 -Bit D-Type Registers
December 1992
logo
STMicroelectronics
HCF4076B STMICROELECTRONICS-HCF4076B_02 Datasheet
217Kb / 9P
   4 BIT D TYPE REGISTERS
HCC4076B STMICROELECTRONICS-HCC4076B Datasheet
290Kb / 13P
   4 BIT D TYPE REGISTERS
logo
Texas Instruments
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
[Old version datasheet]   4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
SN54173 TI-SN54173 Datasheet
562Kb / 19P
[Old version datasheet]   4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
MM54C195 NSC-MM54C195 Datasheet
127Kb / 6P
   4-Bit Registers
logo
Pericom Semiconductor C...
PI74FCT16823T PERICOM-PI74FCT16823T Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
logo
Texas Instruments
SN5494 TI-SN5494 Datasheet
159Kb / 4P
[Old version datasheet]   4-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com