Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM1707BZKBA3 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części AM1707BZKBA3
Szczegółowy opis  AM1707 ARM짰 Microprocessor
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AM1707BZKBA3 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button AM1707BZKBA3 Datasheet HTML 7Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 8Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 9Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 10Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 11Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 12Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 13Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 14Page - Texas Instruments AM1707BZKBA3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 200 page
background image
AM1707
www.ti.com
SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014
3.4
Memory Map Summary
Table 3-2. AM1707 Top Level Memory Map
Start Address
End Address
Size
ARM Mem Map
EDMA Mem
PRUSS Mem
Master
LCDC
Map
Map
Peripheral
Mem
Mem Map
Map
0x0000 0000
0x0000 0FFF
4K
-
PRUSS Local
Address
Space
0x0000 1000
0x01BB FFFF
-
0x01BC 0000
0x01BC 0FFF
4K
ARM ETB memory
-
0x01BC 1000
0x01BC 17FF
2K
ARM ETB reg
-
0x01BC 1800
0x01BC 18FF
256
ARM Ice Crusher
-
0x01BC 1900
0x01BF FFFF
-
0x01C0 0000
0x01C0 7FFF
32K
EDMA3 Channel Controller
-
0x01C0 8000
0x01C0 83FF
1024
EDMA3 Transfer Controller 0
-
0x01C0 8400
0x01C0 87FF
1024
EDMA3 Transfer Controller 1
-
0x01C0 8800
0x01C0 FFFF
-
0x01C1 0000
0x01C1 0FFF
4K
PSC 0
-
0x01C1 1000
0x01C1 1FFF
4K
PLL Controller
-
0x01C1 2000
0x01C1 3FFF
-
0x01C1 4000
0x01C1 4FFF
4K
SYSCFG
-
0x01C1 5000
0x01C1 FFFF
-
0x01C2 0000
0x01C2 0FFF
4K
Timer64P 0
-
0x01C2 1000
0x01C2 1FFF
4K
Timer64P 1
-
0x01C2 2000
0x01C2 2FFF
4K
I2C 0
-
0x01C2 3000
0x01C2 3FFF
4K
RTC
-
0x01C2 4000
0x01C3 FFFF
-
-
0x01C4 0000
0x01C4 0FFF
4K
MMC/SD 0
-
0x01C4 1000
0x01C4 1FFF
4K
SPI 0
-
0x01C4 2000
0x01C4 2FFF
4K
UART 0
-
0x01C4 3000
0x01CF FFFF
-
0x01D0 0000
0x01D0 0FFF
4K
McASP 0 Control
-
0x01D0 1000
0x01D0 1FFF
4K
McASP 0 AFIFO Control
-
0x01D0 2000
0x01D0 2FFF
4K
McASP 0 Data
-
0x01D0 3000
0x01D0 3FFF
-
0x01D0 4000
0x01D0 4FFF
4K
McASP 1 Control
-
0x01D0 5000
0x01D0 5FFF
4K
McASP 1 AFIFO Control
-
0x01D0 6000
0x01D0 6FFF
4K
McASP 1 Data
-
0x01D0 7000
0x01D0 7FFF
-
0x01D0 8000
0x01D0 8FFF
4K
McASP 2 Control
-
0x01D0 9000
0x01D0 9FFF
4K
McASP 2 AFIFO Control
-
0x01D0 A000
0x01D0 AFFF
4K
McASP 2 Data
-
0x01D0 B000
0x01D0 BFFF
-
0x01D0 C000
0x01D0 CFFF
4K
UART 1
-
0x01D0 D000
0x01D0 DFFF
4K
UART 2
-
0x01D0 E000
0x01DF FFFF
-
-
0x01E0 0000
0x01E0 FFFF
64K
USB0
-
0x01E1 0000
0x01E1 0FFF
4K
UHPI
-
0x01E1 1000
0x01E1 1FFF
-
0x01E1 2000
0x01E1 2FFF
4K
SPI 1
-
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Links: AM1707


Podobny numer części - AM1707BZKBA3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM1707BZKBA3 TI-AM1707BZKBA3 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707BZKBA3 TI-AM1707BZKBA3 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707BZKBA3 TI-AM1707BZKBA3 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1707BZKBA3 TI-AM1707BZKBA3 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
More results

Podobny opis - AM1707BZKBA3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1707_1004 TI-AM1707_1004 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1802 TI1-AM1802_16 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com