Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC11175N Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części 74AC11175N
Szczegółowy opis  QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74AC11175N Arkusz danych(HTML) 4 Page - Texas Instruments

  74AC11175N Datasheet HTML 1Page - Texas Instruments 74AC11175N Datasheet HTML 2Page - Texas Instruments 74AC11175N Datasheet HTML 3Page - Texas Instruments 74AC11175N Datasheet HTML 4Page - Texas Instruments 74AC11175N Datasheet HTML 5Page - Texas Instruments 74AC11175N Datasheet HTML 6Page - Texas Instruments 74AC11175N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
54AC11175, 74AC11175
QUADRUPLE D-TYPE FLIP-FLOPS
WITH CLEAR
SCAS090 – DECEMBER 1989 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–4
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA =25°C
54AC11175
74AC11175
TA = 25°C
54AC11175
74AC11175
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
90
0
90
0
90
MHz
t
Pulse duration
CLR low
5.5
5.5
5.5
ns
tw
Pulse duration
CLK high or low
5.5
5.5
5.5
ns
t
Setup time before CLK
Data
8
8
8
ns
tsu
Setup time before CLK
CLR inactive
8
8
8
ns
th
Hold time, data after CLK
0.5
0.5
0.5
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA =25°C
54AC11175
74AC11175
TA = 25°C
54AC11175
74AC11175
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
125
0
125
0
125
MHz
t
Pulse duration
CLR low
4
4
4
ns
tw
Pulse duration
CLK high or low
4
4
4
ns
t
Setup time before CLK
Data
5.5
5.5
5.5
ns
tsu
Setup time before CLK
CLR inactive
5.5
5.5
5.5
ns
th
Hold time, data after CLK
0.5
0.5
0.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11175
74AC11175
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
90
120
90
90
MHz
tPLH
CLR
Any Q
2.6
7
8.7
2.6
9.9
2.6
9.3
ns
tPLH
CLR
Any Q
2.6
7
8.7
2.6
9.9
2.6
9.3
ns
tPHL
CLR
Any Q
2.5
10
11.6
2.5
13
2.5
12.4
ns
tPHL
CLR
Any Q
2.5
10
11.6
2.5
13
2.5
12.4
ns
tPLH
CLK
Any Q
2.4
6.8
8.7
2.4
9.4
2.4
9.1
ns
tPLH
CLK
Any Q
2.4
6.8
8.7
2.4
9.4
2.4
9.1
ns
tPHL
CLK
Any Q
1.7
9.4
11.7
1.7
13
1.7
12.5
ns
tPHL
CLK
Any Q
1.7
9.4
11.7
1.7
13
1.7
12.5
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Podobny numer części - 74AC11175N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11175N TI1-74AC11175N Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

Podobny opis - 74AC11175N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A Datasheet
362Kb / 15P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54F175 TI-SN54F175 Datasheet
72Kb / 5P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_08 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_07 Datasheet
512Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI1-SN54HC175_16 Datasheet
910Kb / 21P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI1-54AC11175_09 Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI-SN54HC175_07 Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com