Zakładka z wyszukiwarką danych komponentów |
|
74ALVTH162245DLG4 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
74ALVTH162245DLG4 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 15 page SN54ALVTH162245, SN74ALVTH162245 2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCES331A – APRIL 2000 – REVISED APRIL 2002 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) PARAMETER TEST CONDITIONS SN54ALVTH162245 SN74ALVTH162245 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 2.3 V, II = –18 mA –1.2 –1.2 V VCC = 2.3 V to 2.7 V, IOH = –100 µA VCC–0.2 VCC–0.2 A port VCC =2 3V IOH = –6 mA 1.7 VOH VCC = 2.3 V IOH = –8 mA 1.7 V VOH VCC = 2.3 V to 2.7 V, IOH = –100 µA VCC–0.2 VCC–0.2 V B port VCC =2 3V IOH = –6 mA 1.7 VCC = 2.3 V IOH = –8 mA 1.7 VCC = 2.3 V to 2.7 V, IOL = 100 µA 0.2 0.2 A port VCC =2 3V IOL = 6 mA 0.4 VCC = 2.3 V IOL = 12 mA 0.4 VOL VCC = 2.3 V to 2.7 V, IOL = 100 µA 0.2 0.2 V VOL IOL = 6 mA 0.4 V B port VCC =2 3V IOL = 8 mA 0.4 VCC = 2.3 V IOL = 18 mA 0.5 IOL = 24 mA 0.5 Control inputs VCC = 2.7 V, VI = GND ±1 ±1 Control inputs VCC = 0 or 2.7 V, VI = 5.5 V 10 10 II VI = 5.5 V 20 20 µA A or B ports VCC = 2.7 V VI = VCC 1 1 VI = 0 –5 –5 Ioff VCC = 0, VI or VO = 0 to 4.5 V ±100 µA IBHL‡ VCC = 2.3 V, VI = 0.7 V 115 115 µA IBHH§ VCC = 2.3 V, VI = 1.7 V –10 –10 µA IBHLO¶ VCC = 2.7 V, VI = 0 to VCC 300 300 µA IBHHO# VCC = 2.7 V, VI = 0 to VCC –300 –300 µA IEX|| VCC = 2.3 V, VO = 5.5 V 125 125 µA IOZ(PU/PD)k VCC ≤ 1.2 V, VO = 0.5 V to VCC, VI = GND or VCC, OE = don’t care ±100 ±100 µA VCC = 2.7 V, Outputs high 0.04 0.1 0.04 0.1 ICC VCC = 2.7 V, IO = 0, Outputs low 2.3 4.5 2.3 4.5 mA VI = VCC or GND Outputs disabled 0.04 0.1 0.04 0.1 Ci VCC = 2.5 V, VI = 2.5 V or 0 3.5 3.5 pF Cio VCC = 2.5 V, VO = 2.5 V or 0 8 8 pF † All typical values are at VCC = 2.5 V, TA = 25°C. ‡ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and then raising it to VIL max. § The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and then lowering it to VIH min. ¶ An external driver must source at least IBHLO to switch this node from low to high. # An external driver must sink at least IBHHO to switch this node from high to low. || Current into an output in the high state when VO > VCC k High-impedance state during power up or power down PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Podobny numer części - 74ALVTH162245DLG4 |
|
Podobny opis - 74ALVTH162245DLG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |