Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH32244ZKER Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74ALVCH32244ZKER
Szczegółowy opis  32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH32244ZKER Arkusz danych(HTML) 1 Page - Texas Instruments

  74ALVCH32244ZKER Datasheet HTML 1Page - Texas Instruments 74ALVCH32244ZKER Datasheet HTML 2Page - Texas Instruments 74ALVCH32244ZKER Datasheet HTML 3Page - Texas Instruments 74ALVCH32244ZKER Datasheet HTML 4Page - Texas Instruments 74ALVCH32244ZKER Datasheet HTML 5Page - Texas Instruments 74ALVCH32244ZKER Datasheet HTML 6Page - Texas Instruments 74ALVCH32244ZKER Datasheet HTML 7Page - Texas Instruments 74ALVCH32244ZKER Datasheet HTML 8Page - Texas Instruments 74ALVCH32244ZKER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74ALVCH32244
32-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES281D – OCTOBER 1999 – REVISED SEPTEMBER 2004
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
Member of the Texas Instruments Widebus+™
Family
ESD Protection Exceeds JESD 22
Operates From 1.65 V to 3.6 V
– 2000-V Human-Body Model (A114-A)
Max tpd of 3 ns at 3.3 V
– 200-V Machine Model (A115-A)
±24-mA Output Drive at 3.3 V
– 1000-V Charged-Device Model (C101)
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
This 32-bit buffer/driver is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVCH32244 is designed specifically to improve the performance and density of 3-state memory
address drivers, clock drivers, and bus-oriented receivers and transmitters.
The device can be used as eight 4-bit buffers, four 8-bit buffers, two 16-bit buffers, or one 32-bit buffer. It
provides true outputs and symmetrical active-low output-enable (OE) inputs.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
LFBGA - GKE
SN74ALVCH32244KR
-40
°C to 85°C
Tape and reel
ACH244
LFBGA - ZKE (Pb-free)
74ALVCH32244ZKER
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(each 4-bit buffer)
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Z
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus+ is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - 74ALVCH32244ZKER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
74ALVCH32244BF IDT-74ALVCH32244BF Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
logo
Renesas Technology Corp
74ALVCH32244BF RENESAS-74ALVCH32244BF Datasheet
275Kb / 8P
   3.3V CMOS 32-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2015
logo
Integrated Device Techn...
74ALVCH32244BFG IDT-74ALVCH32244BFG Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
logo
Renesas Technology Corp
74ALVCH32244BFG RENESAS-74ALVCH32244BFG Datasheet
275Kb / 8P
   3.3V CMOS 32-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2015
More results

Podobny opis - 74ALVCH32244ZKER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUC32244 TI-SN74AUC32244 Datasheet
283Kb / 10P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ32244A TI1-SN74LVCZ32244A Datasheet
406Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH32244 TI-SN74AUCH32244 Datasheet
252Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH32244A TI1-SN74LVCH32244A_15 Datasheet
795Kb / 13P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH32244A TI-SN74LVCH32244A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC32244 TI-SN74LVC32244 Datasheet
277Kb / 10P
[Old version datasheet]   32 BIT BUFFER /DRIVER WITH 3 STATE OUTPUTS
SN74ALVCH32244 TI-SN74ALVCH32244 Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH322244A TI-SN74LVCH322244A Datasheet
251Kb / 11P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ32240A TI-SN74LVCZ32240A Datasheet
174Kb / 9P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32240 TI-SN74LVT32240 Datasheet
203Kb / 9P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com