Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54LS368ALMQB Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części 54LS368ALMQB
Szczegółowy opis  Hex TRI-STATE(RM) Inverting Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

54LS368ALMQB Arkusz danych(HTML) 4 Page - Texas Instruments

  54LS368ALMQB Datasheet HTML 1Page - Texas Instruments 54LS368ALMQB Datasheet HTML 2Page - Texas Instruments 54LS368ALMQB Datasheet HTML 3Page - Texas Instruments 54LS368ALMQB Datasheet HTML 4Page - Texas Instruments 54LS368ALMQB Datasheet HTML 5Page - Texas Instruments 54LS368ALMQB Datasheet HTML 6Page - Texas Instruments 54LS368ALMQB Datasheet HTML 7Page - Texas Instruments 54LS368ALMQB Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
RL e 667X
Symbol
Parameter
CL e 50 pF
CL e 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time Low
15
25
ns
to High Level Output
tPHL
Propagation Delay Time High
18
25
ns
to Low Level Output
tPZH
Output Enable Time to
30
35
ns
High Level Output
tPZL
Output Enable Time to
30
40
ns
Low Level Output
tPHZ
Output Disable Time from
20
ns
High Level Output (Note 6)
tPLZ
Output Disable Time from
20
ns
Low Level Output (Note 6)
Note 6
CL e 5 pF
3


Podobny numer części - 54LS368ALMQB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54LS368ALMQB NSC-54LS368ALMQB Datasheet
137Kb / 6P
   Hex TRI-STATE Inverting Buffers
More results

Podobny opis - 54LS368ALMQB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54LS368A NSC-54LS368A Datasheet
137Kb / 6P
   Hex TRI-STATE Inverting Buffers
DM54368 NSC-DM54368 Datasheet
69Kb / 3P
   HEX TRI-STATE INVERTING BUFFERS
logo
Texas Instruments
DM54LS365A TI1-DM54LS365A Datasheet
381Kb / 8P
[Old version datasheet]   54LS365A DM54LS365A DM74LS365A Hex TRI-STATE(RM) Buffers
DM54LS367A TI1-DM54LS367A Datasheet
387Kb / 8P
[Old version datasheet]   54LS367A DM54LS367A DM74LS367A Hex TRI-STATE(RM) Buffers
logo
List of Unclassifed Man...
DM8094 ETC1-DM8094 Datasheet
70Kb / 2P
   TRI-STATE Hex Buffers
DM80L98 ETC1-DM80L98 Datasheet
90Kb / 2P
   TRI-STATE Hex Buffers
logo
National Semiconductor ...
54LS365A NSC-54LS365A Datasheet
131Kb / 6P
   Hex TRI-STATE Buffers
54LS367A NSC-54LS367A Datasheet
137Kb / 6P
   Hex TRI-STATE Buffers
DM54367 NSC-DM54367 Datasheet
94Kb / 4P
   Hex TRI-STATE Buffers
MM54HC365 NSC-MM54HC365 Datasheet
141Kb / 8P
   Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com