Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC101C081 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC101C081
Szczegółowy opis  DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC101C081 Arkusz danych(HTML) 1 Page - Texas Instruments

  DAC101C081 Datasheet HTML 1Page - Texas Instruments DAC101C081 Datasheet HTML 2Page - Texas Instruments DAC101C081 Datasheet HTML 3Page - Texas Instruments DAC101C081 Datasheet HTML 4Page - Texas Instruments DAC101C081 Datasheet HTML 5Page - Texas Instruments DAC101C081 Datasheet HTML 6Page - Texas Instruments DAC101C081 Datasheet HTML 7Page - Texas Instruments DAC101C081 Datasheet HTML 8Page - Texas Instruments DAC101C081 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
POWER-ON
RESET
DAC
REGISTER
I
2
C
INTERFACE
POWER-DOWN
CONTROL
LOGIC
VREF*
DAC101C081 / DAC101C085
SCL
SDA
BUFFER
10
VOUT
2.5k
100k
10 BIT DAC
GND
10
ADR1*
REF
ADR0
* NOTE: ADR1 and VREF are for the DAC101C085 only. The DAC101C085 uses an external
reference (VREF), whereas, the DAC101C081 uses the supply (VA) as the reference.
VA*
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC101C081, DAC101C081Q, DAC101C085
SNVS801B – APRIL 2012 – REVISED JANUARY 2016
DAC101C08xx 10-Bit Micro Power
Digital-to-Analog Converter With an I2C-Compatible Interface
1
1 Features
1
Ensured Monotonicity to 10-bits
Low Power Operation: 156-µA maximum at 3.3 V
Extended Power Supply Range (2.7 V to 5.5 V)
I2C-Compatible 2-Wire Interface Which Supports
Standard (100-kHz), Fast (400-kHz), and High-
Speed (3.4-MHz) Modes
Rail-to-Rail Voltage Output
Very Small Package
DAC101C081Q is AEC Q100 Grade 1 Qualified
and Manufactured on Automotive Grade Flow
Resolution: 10 Bits
INL: ±2 LSB (Maximum)
DNL: +0.3/-0.2 LSB (Maximum)
Setting Time: 6-µs (Maximum)
Zero Code Error: +10-mV (Maximum)
Full-Scale Error:
−0.7 %FS (Maximum)
Supply Power (Normal): 380-µW (3-V) / 730-µW
(5-V) Typical
Supply Power (Power Down): 0.5-µW (3-V) / 0.9-
µW (5-V) Typical
2 Applications
Industrial Process Control
Portable Instruments
Digital Gain and Offset Adjustment
Programmable Voltage and Current Sources
Test Equipment
Automotive
3 Description
The DAC101C081 device is a 10-bit, single channel,
voltage-output digital-to-analog converter (DAC) that
operates from a 2.7 V to 5.5 V supply. The output
amplifier allows rail-to-rail output swing and has an 6-
µsec settling time. The DAC101C081 uses the supply
voltage as the reference to provide the widest
dynamic output range and typically consumes 132 µA
while operating at 5.0 V. It is available in 6-lead SOT
and WSON packages and provides three address
options (pin selectable).
As an alternative, the DAC101C085 provides nine
I2C™ addressing options and uses an external
reference. It has the same performance and settling
time as the DAC101C081 and is available in an 8-
lead VSSOP.
The DAC101C081 and DAC101C085 use a 2-wire,
I2C-compatible serial interface that operates in all
three speed modes, including high speed mode (3.4
MHz). An external address selection pin allows up to
three DAC101C081 or nine DAC101C085 devices
per 2-wire bus. Pin compatible alternatives to the
DAC101C081 are available that provide additional
address options.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC101C081
WSON (6)
2.20 mm × 2.50 mm
SOT (6)
1.60 mm × 2.90 mm
DAC101C085
VSSOP (8)
3.00 mm × 3.00 mm
DAC101C081Q
WSON (6)
2.20 mm × 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Podobny numer części - DAC101C081

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC101C081 NSC-DAC101C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C081 TI-DAC101C081 Datasheet
1Mb / 36P
[Old version datasheet]   DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC101C081CIMKX NSC-DAC101C081CIMKX Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC101C081CISD NSC-DAC101C081CISD Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
More results

Podobny opis - DAC101C081

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C085CIMM TI-DAC101C085CIMM Datasheet
1Mb / 36P
[Old version datasheet]   DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
[Old version datasheet]   LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
[Old version datasheet]   QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com