Zakładka z wyszukiwarką danych komponentów |
|
CD4541BNSRG4 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
CD4541BNSRG4 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 18 page 1 Data sheet acquired from Harris Semiconductor SCHS085E – Revised September 2003 CD4541B CMOS Programmable Timer High Voltage Types (20V Rating) Features • Low Symmetrical Output Resistance, Typically 100 Ω at VDD = 15V • Built-In Low-Power RC Oscillator • Oscillator Frequency Range . . . . . . . . . . DC to 100kHz • External Clock (Applied to Pin 3) can be Used Instead of Oscillator • Operates as 2N Frequency Divider or as a Single- Transition Timer •Q/Q Select Provides Output Logic Level Flexibility • AUTO or MASTER RESET Disables Oscillator During Reset to Reduce Power Dissipation • Operates With Very Slow Clock Rise and Fall Times • Capable of Driving Six Low Power TTL Loads, Three Low-Power Schottky Loads, or Six HTL Loads Over the Rated Temperature Range • Symmetrical Output Characteristics • 100% Tested for Quiescent Current at 20V • 5V, 10V, and 15V Parametric Ratings • Meets All Requirements of JEDEC Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices” Description CD4541B programmable timer consists of a 16-stage binary counter, an oscillator that is controlled by external R-C compo- nents (2 resistors and a capacitor), an automatic power-on reset circuit, and output control logic. The counter increments on positive-edge clock transitions and can also be reset via the MASTER RESET input. Pinout CD4541B (CERDIP, PDIP, SOIC, SOP, TSSOP) TOP VIEW The output from this timer is the Q or Q output from the 8th, 10th, 13th, or 16th counter stage. The desired stage is chosen using time-select inputs A and B (see Frequency Select Table). The output is available in either of two modes selectable via the MODE input, pin 10 (see Truth Table). When this MODE input is a logic “1”, the output will be a continuous square wave having a frequency equal to the oscillator frequency divided by 2N. With the MODE input set to logic “0” and after a MASTER RESET is initiated, the output (assuming Q output has been selected) changes from a low to a high state after 2N-1 counts and remains in that state until another MASTER RESET pulse is applied or the MODE input is set to a logic “1”. Timing is initialized by setting the AUTO RESET input (pin 5) to logic “0” and turning power on. If pin 5 is set to logic “1”, the AUTO RESET circuit is disabled and counting will not start until after a positive MASTER RESET pulse is applied and returns to a low level. The AUTO RESET consumes an appreciable amount of power and should not be used if low-power operation is desired. For reliable automatic power-on reset, VDD should be greater than 5V. The RC oscillator, shown in Figure 2, oscillates with a frequency determined by the RC network and is calculated using: NOTE: When ordering, use the entire part number. The suffixes 96 and R denote tape and reel. The suffix T denotes a small-quantity reel of 250. RTC CTC RS NC AUTO RESET MASTER RESET VSS VDD B A NC MODE Q/Q SELECT OUTPUT 1 2 3 4 5 6 7 14 13 12 11 10 9 8 Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD4541BF3A -55 to 125 14 Ld CERDIP CD4541BE -55 to 125 14 Ld PDIP CD4541BM -55 to 125 14 Ld SOIC CD4541BMT -55 to 125 14 Ld SOIC CD4541BM96 -55 to 125 14 Ld SOIC CD4541BNSR -55 to 125 14 Ld SOP CD4541BPW -55 to 125 14 Ld TSSOP CD4541BPWR -55 to 125 14 Ld TSSOP f = 1 2.3 RTCCTC ----------------------------------- Where f is between 1kHz and 100kHz and RS 10k ≥Ω and 2RTC ≈ CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated [ /Title (CD45 41B) /Sub- ject (CMO S Pro- gram- mable Timer High Volt- age Types (20V Rat- ing)) /Autho r () /Key- words (Har- ris Semi- con- ductor, CD400 0, metal gate, CMOS , pdip, cerdip, mil, mili- tary, mil |
Podobny numer części - CD4541BNSRG4 |
|
Podobny opis - CD4541BNSRG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |