Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC9881B Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części DAC9881B
Szczegółowy opis  18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC9881B Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button DAC9881B Datasheet HTML 5Page - Texas Instruments DAC9881B Datasheet HTML 6Page - Texas Instruments DAC9881B Datasheet HTML 7Page - Texas Instruments DAC9881B Datasheet HTML 8Page - Texas Instruments DAC9881B Datasheet HTML 9Page - Texas Instruments DAC9881B Datasheet HTML 10Page - Texas Instruments DAC9881B Datasheet HTML 11Page - Texas Instruments DAC9881B Datasheet HTML 12Page - Texas Instruments DAC9881B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TIMING CHARACTERISTICS for Figure 1
(1) (2) (3)
DAC9881
www.ti.com ......................................................................................................................................................... SBAS438A – MAY 2008 – REVISED AUGUST 2008
At –40°C to +105°C, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
MAX
UNIT
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
40
MHz
fSCLK
Maximum clock frequency
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
50
MHz
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
50
ns
t1
Minumum CS high time
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
30
ns
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
10
ns
Delay from CS falling edge to SCLK rising
t2
edge
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
8
ns
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
0
ns
Delay from SCLK falling edge to CS falling
t3
edge
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
0
ns
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
10
ns
t4
SCLK low time
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
10
ns
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
15
ns
t5
SCLK high time
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
10
ns
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
25
ns
t6
SCLK cycle time
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
20
ns
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
10
ns
Delay from SCLK rising edge to CS rising
t7
edge
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
10
ns
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
8
ns
t8
Input data setup time
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
5
ns
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
5
ns
t9
Input data hold time
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
5
ns
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
10
ns
Delay from CS rising edge to LDAC falling
t14
edge
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
5
ns
2.7
≤ AVDD < 3.6V, 2.7 ≤ IOVDD ≤ AVDD
15
ns
t15
LDAC pulse width
3.6
≤ AVDD ≤ 5.5V, 2.7 ≤ IOVDD ≤ AVDD
10
ns
(1)
All input signals are specified with tR = tF = 2ns (10% to 90% of IOVDD) and timed from a voltage level of IOVDD/2.
(2)
Ensured by design. Not production tested.
(3)
Sample tested during the initial release and after any redesign or process changes that may affect these parameters.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC9881


Podobny numer części - DAC9881B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI-DAC9881 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881IRGER TI-DAC9881IRGER Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881IRGET TI-DAC9881IRGET Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881SBRGER TI-DAC9881SBRGER Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
More results

Podobny opis - DAC9881B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com