Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33063ADR2G Arkusz danych(PDF) 2 Page - Tiger Electronic Co.,Ltd

Numer części MC33063ADR2G
Szczegółowy opis  Switching Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TGS [Tiger Electronic Co.,Ltd]
Strona internetowa  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MC33063ADR2G Arkusz danych(HTML) 2 Page - Tiger Electronic Co.,Ltd

  MC33063ADR2G Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MC33063ADR2G Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMD Type
2
IC
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
TA = 25°C
1.225 1.25 1.275
TA = Tlow to Thigh
1.21
1.29
Threshold Voltage Line Regulation
Regline
VCC = 3 V to 40 V
1.4
5
Current Limit Sense Voltage
Vipk(sense) Ichg = Idischg, TA = 25°C
250
300
350
Collector Off−State Current
IC(off)
VCE = 40V
0.01
100
uA
Supply Current
ICC
VCC = 5 V to 40 V, CT = 1nF,
Pin 7 = VCC,VPin 5 > Vth,
Pin 2 = GND, remaining pins open
4
mA
Input Bias Current
IIB
Vin = 0 V
-20
-400
nA
Charge Current
Ichg
VCC = 5 V to 40 V, TA = 25°C
24
35
42
Discharge Current
Idischg
VCC = 5 V to 40 V, TA = 25°C
140
220
260
Discharge to Charge Current Ratio
Idischg/Ichg Pin 7 to VCC, TA = 25°C
5.2
6.5
7.5
Saturation Voltage, Darlington Connection
VCE(sat)
ISW = 1.0 A, Pins 1, 8 connected
1
1.3
Saturation Voltage
VCE(sat)
ISW = 1 A, RPin8 = 82Ω to VCC
0.45
0.7
DC current gain
hFE
ISW = 1A, VCE = 5V
50
75
Transition frequency
fOSC
VPin 5 = 0 V, CT = 1 nF
24
33
42
MHz
V
Threshold Voltage
Vth
V
mV
uA
Marking
Marking
33063
Typical Characterisitics
Figure 1. Representative Schematic Diagram
SQ
R
Q2
Q1
100
Ipk
OscillatorCT
Comparator
+
1.25 V
Reference
Regulator
1
2
3
4
5
6
7
8
Drive
Collector
Ipk
Sense
VCC
Comparator
Inverting
Input
Switch
Collector
Switch
Emitter
Timing
Capacitor
GND
This device contains 51 active transistors.
Forced
20
Switching Regulators
MC33063A


Podobny numer części - MC33063ADR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

Podobny opis - MC33063ADR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
SD3814-1R2-R COOPER-SD3814-1R2-R Datasheet
372Kb / 4P
   Switching Regulators
logo
IK Semicon Co., Ltd
IK1509-XX IKSEMICON-IK1509-XX Datasheet
103Kb / 6P
   Switching Voltage Regulators
IL2596-XX IKSEMICON-IL2596-XX Datasheet
587Kb / 12P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com