Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9214BRS-105 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9214BRS-105
Szczegółowy opis  10-Bit, 65/80/105 MSPS 3 V A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9214BRS-105 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9214BRS-105 Datasheet HTML 5Page - Analog Devices AD9214BRS-105 Datasheet HTML 6Page - Analog Devices AD9214BRS-105 Datasheet HTML 7Page - Analog Devices AD9214BRS-105 Datasheet HTML 8Page - Analog Devices AD9214BRS-105 Datasheet HTML 9Page - Analog Devices AD9214BRS-105 Datasheet HTML 10Page - Analog Devices AD9214BRS-105 Datasheet HTML 11Page - Analog Devices AD9214BRS-105 Datasheet HTML 12Page - Analog Devices AD9214BRS-105 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. D
AD9214
–9–
FREQUENCY – MHz
0
52.5
–100
–50
0
–90
–80
–70
–60
–40
–30
–20
–10
ENCODE: 105MSPS
AIN: 50.3MHz @ –0.5dBFS
SNR: 53.0dB
ENOB: 8.5 BITS
SFDR: 64dBFS
TPC 1. FFT: fS = 105 MSPS, fIN = ~50.3 MHz; AIN = –0.5 dBFS
Differential, 1 V p-p Analog Input Range
0
40
–100
–50
0
–90
–80
–70
–60
–40
–30
–20
–10
ENCODE: 80MSPS
AIN: 70.3MHz @ –0.5dBFS
SNR: 54.0dB
ENOB: 8.5 BITS
SFDR: 64dBFS
FREQUENCY – MHz
TPC 2. FFT: fS = 80 MSPS, fIN = 70 MHz; AIN = –0.5 dBFS,
1 V p-p Analog Input Range
FREQUENCY– MHz
0
52.5
–100
–50
0
–90
–80
–70
–60
–40
–30
–20
–10
ENCODE: 105MSPS
AIN: 70.3MHz @ –0.5dBFS
SNR: 52.6dB
ENOB: 8.4 BITS
SFDR: 62.6dBFS
TPC 3. FFT: fS = 105 MSPS; fIN = 70 MHz (1 V p-p)
Typical Performance Characteristics–
FREQUENCY– MHz
0
52.5
–100
–50
0
–90
–80
–70
–60
–40
–30
–20
–10
ENCODE: 65MSPS
AIN: 15.3MHz @ –0.5dBFS
SNR: 56.9dB
ENOB: 9.2 BITS
SFDR: 70dB
TPC 4. FFT: fS = 65 MSPS, fIN = 15.3 MHz (2 V p-p) with
AD8138 Driving AIN
AIN FREQUENCY – MHz
0
70
50
100
40
60
70
80
90
60
50
40
30
20
10
3RD
SFDR
2ND
TPC 5. Harmonic Distortion (Second and Third) and SFDR
vs. AIN Frequency (1 V p-p, fS = 105 MSPS)
AIN FREQUENCY – MHz
0
60
85
40
65
70
75
80
75
50
25
2ND
SFDR
55
50
45
3RD
TPC 6. Harmonic Distortion (Second and Third) and SFDR
vs. AIN Frequency (1 V p-p, fS = 80 MSPS)


Podobny numer części - AD9214BRS-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9214BRS-105 AD-AD9214BRS-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
More results

Podobny opis - AD9214BRS-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com