Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9214BRS-105 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9214BRS-105
Szczegółowy opis  10-Bit, 65/80/105 MSPS 3 V A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9214BRS-105 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9214BRS-105 Datasheet HTML 6Page - Analog Devices AD9214BRS-105 Datasheet HTML 7Page - Analog Devices AD9214BRS-105 Datasheet HTML 8Page - Analog Devices AD9214BRS-105 Datasheet HTML 9Page - Analog Devices AD9214BRS-105 Datasheet HTML 10Page - Analog Devices AD9214BRS-105 Datasheet HTML 11Page - Analog Devices AD9214BRS-105 Datasheet HTML 12Page - Analog Devices AD9214BRS-105 Datasheet HTML 13Page - Analog Devices AD9214BRS-105 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. D
AD9214
–10–
FREQUENCY – MHz
0
70
40
80
90
100
60
40
20
60
50
80
3RD
SFDR
2ND
TPC 7. Harmonic Distortion (Second and Third) and SFDR
vs. AIN Frequency (1 V p-p and 2 V p-p, fS = 65 MSPS)
–100
–50
0
–90
–80
–70
–60
–40
–30
–20
–10
ENCODE: 80MSPS
AIN: 29.3MHz @ –6dBFS
30.3MHz @ –6dBFS
SFDR: 74dBFS
FREQUENCY – MHz
0
40
TPC 8. Two-Tone Intermodulation Distortion (29.3 MHz,
30.3 MHz; 1 V p-p, fS = 80 MSPS)
–100
–50
0
–90
–80
–70
–60
–40
–30
–20
–10
FREQUENCY – MHz
0
52.5
ENCODE: 105MSPS
AIN: 30MHz @ –6dBFS
31MHz @ –6dBFS
SFDR: 73dBFS
TPC 9. Two-Tone Intermodulation Distortion (30 MHz and
31 MHz; 1 V p-p, fS = 105 MSPS)
ENCODE RATE – MSPS
80
45
75
40
55
60
65
70
60
40
20
50
SINAD – 2V p–p
SINAD – 1V p–p
SFDR – 2V p–p
SFDR – 1V p–p
100
120
TPC 10. SINAD and SFDR vs. Encode Rate (fIN = 10.3 MHz;
1 V p-p and 2 V p-p)
45
75
55
60
65
70
50
PULSEWIDTH HIGH – ns
24
68
10
40
35
30
SINAD – 105MSPS
SINAD – 80MSPS
SFDR – 105MSPS
SFDR – 80MSPS
TPC 11. SINAD and SFDR vs. Encode Pulsewidth High
(1 V p-p)
40
120
80
100
60
ENCODE RATE – MSPS
0
20
120
20
0
IAVDD
4
12
8
10
6
2
0
40
60
80
100
IDrVDD
TPC 12. IAVDD and IDrV
DD
vs. Encode Rate (fAIN = 10.3 MHz,
–0.5 dBFS, and –3 dBFS) CLOAD on Digital Outputs ~7 pF


Podobny numer części - AD9214BRS-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9214BRS-105 AD-AD9214BRS-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
More results

Podobny opis - AD9214BRS-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com