Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9954YSV Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9954YSV
Szczegółowy opis  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9954YSV Arkusz danych(HTML) 3 Page - Analog Devices

  AD9954YSV Datasheet HTML 1Page - Analog Devices AD9954YSV Datasheet HTML 2Page - Analog Devices AD9954YSV Datasheet HTML 3Page - Analog Devices AD9954YSV Datasheet HTML 4Page - Analog Devices AD9954YSV Datasheet HTML 5Page - Analog Devices AD9954YSV Datasheet HTML 6Page - Analog Devices AD9954YSV Datasheet HTML 7Page - Analog Devices AD9954YSV Datasheet HTML 8Page - Analog Devices AD9954YSV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD9954
Rev. 0 | Page 3 of 36
GENERAL DESCRIPTION
The AD9954 is a direct digital synthesizer (DDS) featuring a
14-bit DAC operating up to 400 MSPS. The AD9954 uses
advanced DDS technology, coupled with an internal high speed,
high performance DAC to form a digitally programmable,
complete high frequency synthesizer capable of generating a
frequency-agile analog output sinusoidal waveform at up to
200 MHz. The AD9954 is designed to provide fast frequency
hopping and fine tuning resolution (32-bit frequency tuning
word). The frequency tuning and control words are loaded into
the AD9954 via a serial I/O port. The AD9954 includes an
integrated 1024 × 32 static RAM to support flexible frequency
sweep capability in several modes. The AD9954 also supports a
user defined linear sweep mode of operation. The device
includes an on-chip high speed comparator for applications
requiring a square wave output.
The AD9954 is specified to operate over the extended industrial
temperature range of –40°C to +105°C.


Podobny numer części - AD9954YSV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9954YSV AD-AD9954YSV Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9954YSV-REEL7 AD-AD9954YSV-REEL7 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9954YSVZ AD-AD9954YSVZ Datasheet
742Kb / 40P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954YSVZ-REEL7 AD-AD9954YSVZ-REEL7 Datasheet
742Kb / 40P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954YSVZ-REEL71 AD-AD9954YSVZ-REEL71 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
More results

Podobny opis - AD9954YSV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com