Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM-704A Arkusz danych(PDF) 2 Page - Interpoint Corporation Company

Numer części FM-704A
Szczegółowy opis  EMI Input Filter and Transient Suppression Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERPOINT [Interpoint Corporation Company]
Strona internetowa  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-704A Arkusz danych(HTML) 2 Page - Interpoint Corporation Company

  FM-704A_11 Datasheet HTML 1Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 2Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 3Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 4Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 5Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 6Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 7Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 8Page - Interpoint Corporation Company FM-704A_11 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Operating COnditiOns and CharaCteristiCs
input Voltage range
16 to 40 VDC continuous for 40 W load
lead soldering temperature (10 sec per pin)
300°C
storage temperature range (case)
-65°C to +150°C
case operating temperature (tc)
-55°C to +125°C full power
Derating output power/current
Linearly from 40 W at 105°C to 20 W at 125°C to meet
MIL-STD-1275A (AT) and MIL-STD-704A
capacitance
0.017 µF max, any pin to case
undervoltage lockout
7 VDC min, 15 VDC max
isolation (tc = 25°c)
100 megohm minimum at 500 V
Any pin to case, except case pin
meChaniCal and envirOnmental
size (maximum)
2.910 x 1.125 x 0.400 inches (73.91 x 28.58 x 10.16 mm)
See case K1 for dimensions.
Weight (maximum)
40 grams typical
screening
Standard, ES, or 883 (Class H). See Screening Tables 1 and 2
for more information.
0.068
F
Positive
Input
Input
Common
Positive
Output
Output
Common
FM-704A
3.6 H
6 F
25 
3.6 H
6 F
3300
pF
15 
3300 pF / 500V
390 H
Inhibit
Oscillator
3300 pF
500V
6600 pF
500V
Case
The case ground connection between the filter and the converter should be as low
an impedance as possible to minimize EMI. Direct contact of the baseplate to
chassis ground provides the lowest impedance.
FIgure 1: ScheMaTIc – TypIcaL VaLueS
inhibit
Active low (output disabled)
Active low 0.8 V max
Inhibit pin will source 0.6 mA max.
Active high (output enabled)
open collector
open pin voltage 5.5 V max.
Crane Aerospace & Electronics Power Solutions
FM-704a eMi input Filter and transient suppression Module
28 Volt input – 40 Watt
www.craneae.com/interpoint
Page 2 of 9
FM-704A Rev C - 2011.11.07


Podobny numer części - FM-704A_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Interpoint Corporation ...
FM-704A/883 INTERPOINT-FM-704A/883 Datasheet
126Kb / 7P
   EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
More results

Podobny opis - FM-704A_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
FM704A SPI-FM704A Datasheet
1Mb / 8P
   EMI Input Filter and Transient Suppression Module
logo
Interpoint Corporation ...
FM704A INTERPOINT-FM704A Datasheet
126Kb / 7P
   EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
logo
VPT, Inc.
VPTC10-28 VPT-VPTC10-28 Datasheet
576Kb / 9P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
VPTI10-28 VPT-VPTI10-28 Datasheet
556Kb / 10P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
logo
List of Unclassifed Man...
DVMN28 ETC-DVMN28 Datasheet
170Kb / 8P
   HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
logo
VPT, Inc.
DVMN28 VPT-DVMN28 Datasheet
207Kb / 8P
   HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
logo
Littelfuse
AN9768 LITTELFUSE-AN9768 Datasheet
131Kb / 8P
   Transient Suppression Devices and Principles
logo
AVX Corporation
VJ12 AVX-VJ12 Datasheet
1Mb / 12P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
VC20MA0160KBA AVX-VC20MA0160KBA Datasheet
1Mb / 10P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
logo
Interpoint Corporation ...
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com