Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF256H Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LF256H
Szczegółowy opis  JFET Input Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LF256H Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LF256H Datasheet HTML 2Page - Texas Instruments LF256H Datasheet HTML 3Page - Texas Instruments LF256H Datasheet HTML 4Page - Texas Instruments LF256H Datasheet HTML 5Page - Texas Instruments LF256H Datasheet HTML 6Page - Texas Instruments LF256H Datasheet HTML 7Page - Texas Instruments LF256H Datasheet HTML 8Page - Texas Instruments LF256H Datasheet HTML 9Page - Texas Instruments LF256H Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
www.ti.com
6.6 DC Electrical Characteristics, TA = TJ = 25°C, VS = ±15 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LF155
2
4
LF355
2
4
Supply current
LFx56, LF356B
5
7
mA
LF356
5
10
LF357
5
10
6.7 DC Electrical Characteristics
See
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LF15x, LF25x, LF356B
3
5
TA = 25°C
LF35x
3
10
VOS
Input offset voltage
RS = 50 Ω
LF15x
7
mV
Over
LF25x, LF356B
6.5
temperature
LF35x
13
Average TC of input
ΔVOS/ΔT
RS = 50 Ω
LF15x, LF25x, LF356B, LF35x
5
μV/°C
offset voltage
Change in average TC
μV/°C
ΔTC/ΔVOS
RS = 50 Ω
(2)
LF15x, LF25x, LF356B, LF35x
0.5
with VOS adjust
per mV
LF15x, LF25x, LF356B
3
20
TJ = 25°C
(1) (3)
pA
LF35x
3
50
IOS
Input offset current
LF15x
20
TJ ≤ THIGH
LF25x, LF356B
1
nA
LF35x
2
LF15x, LF25x, LF356B
30
100
TJ = 25°C
(1) (3)
pA
LF35x
30
200
IB
Input bias current
LF15x
50
TJ ≤ THIGH
LF25x, LF356B
5
nA
LF35x
8
RIN
Input resistance
TJ = 25°C
LF15x, LF25x, LF356B, LF35x
Ω
1012
LF15x, LF25x, LF356B
50
200
TA = 25°C
VS = ±15 V,
LF35x
25
200
AVOL
Large signal voltage gain
VO = ±10 V,
V/mV
LF15x, LF25x, LF356B
25
Over
RL = 2 kΩ
temperature
LF35x
15
VS = ±15 V, RL = 10 kΩ
LF15x, LF25x, LF356B, LF35x
±12
±13
VO
Output voltage swing
V
VS = ±15 V, RL= 2 kΩ
LF15x, LF25x, LF356B, LF35x
±10
±12
(1)
Unless otherwise stated, these test conditions apply:
LF15x
LF25x
LF356B
LF35x
Supply Voltage, VS
±15 V
≤ VS ≤ ±20 V
±15 V
≤ VS ≤ ±20 V
±15 V
≤ VS ≤ ±20 V
VS = ±15 V
TA
−55°C ≤ TA ≤ +125°C
−25°C ≤ TA ≤ +85°C
0°C
≤ TA ≤ +70°C
0°C
≤ TA ≤ +70°C
THIGH
+125°C
+85°C
+70°C
+70°C
and VOS, IB and IOS are measured at VCM = 0.
(2)
The Temperature Coefficient of the adjusted input offset voltage changes only a small amount (0.5
μV/°C typically) for each mV of
adjustment from its original unadjusted value. Common-mode rejection and open-loop voltage gain are also unaffected by offset
adjustment.
(3)
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature,
TJ. Due to limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation the
junction temperature rises above the ambient temperature as a result of internal power dissipation, Pd. TJ = TA + θJA Pd where θJA is
the thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
LF156 LF256 LF356


Podobny numer części - LF256H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LF256H NSC-LF256H Datasheet
1Mb / 23P
   JFET Input Operational Amplifiers
LF256H NSC-LF256H Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI1-LF256H Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
More results

Podobny opis - LF256H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com