Zakładka z wyszukiwarką danych komponentów |
|
LF298H Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
LF298H Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 33 page LF198-N, LF298, LF398-N LF198A-N, LF398A-N SNOSBI3B – JULY 2000 – REVISED NOVEMBER 2015 www.ti.com 7 Parameter Measurement Information 7.1 TTL and CMOS 3 V ≤ V LOGIC (Hi State) ≤ 7 V Threshold = 1.4 V Figure 18. Sample When Logic High With TTL and CMOS Biasing Threshold = 1.4 V Select for 2.8 V at pin 8 Figure 19. Sample When Logic Low With TTL and CMOS Biasing 7.2 CMOS 7 V ≤ V LOGIC (Hi State) ≤ 15 V Threshold = 0.6 (V+) + 1.4 V Figure 20. Sample When Logic High With CMOS Biasing 10 Submit Documentation Feedback Copyright © 2000–2015, Texas Instruments Incorporated Product Folder Links: LF198-N LF298 LF398-N LF198A-N LF398A-N |
Podobny numer części - LF298H |
|
Podobny opis - LF298H |