Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF198QML Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LF198QML
Szczegółowy opis  Monolithic Sample-and-Hold Circuits
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LF198QML Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LF198QML Datasheet HTML 2Page - Texas Instruments LF198QML Datasheet HTML 3Page - Texas Instruments LF198QML Datasheet HTML 4Page - Texas Instruments LF198QML Datasheet HTML 5Page - Texas Instruments LF198QML Datasheet HTML 6Page - Texas Instruments LF198QML Datasheet HTML 7Page - Texas Instruments LF198QML Datasheet HTML 8Page - Texas Instruments LF198QML Datasheet HTML 9Page - Texas Instruments LF198QML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LF198QML
SNOSAH9A – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
The following specifications apply unless otherwise specified.
VCC = ±15V, RL = 10KΩ, VIN = 0V, CHOLD = 0.01 μF, Logic Reference Pin = 0V, Logic Pin = 4V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
PSRR
Power Supply Rejection Ratio
80
dB
1
+VCC = 10V, -VCC = -15V
74
dB
2, 3
80
dB
1
+VCC = 15V, -VCC = -10V
74
dB
2, 3
FTRR
Feed Through Rejection Ratio
86
dB
1
+VCC = 3.5V, -VCC = -32.5V
74
dB
2, 3
86
dB
1
+VCC = 32.5V, -VCC = -3.5V
74
dB
2, 3
VTH
Differential Logic Level
See(3)
0.8
2.4
V
1
VOS
2nd Stage VOS
-35
+35
mV
1
+VCC = 3.5V, -VCC = -32.5V
(2nd Stg)
-50
+50
mV
2, 3
-35
+35
mV
1
+VCC = 3V, -VCC = -7V
-50
+50
mV
2, 3
-35
+35
mV
1
+VCC = 32.5V, -VCC = -3.5V
-50
+50
mV
2, 3
-35
+35
mV
1
+VCC = 7V, -VCC = -3V
-50
+50
mV
2, 3
(3)
Parameter tested go no go only for Vth test.
AC Parameters
The following specifcations apply unless otherwise specified.
VCC = ±15V, RL = 10KΩ, VIN = 0V, CHold = 0.01 μF, Logic Reference Pin = 0V, Logic Pin = 4V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
TAQ
Acquisition Time
Delta VOUT = 10V,
6.0
µS
4
CHold = 1000pF
Delta VOUT = 10V,
25
µS
4
CHold = 0.01µF
DC Parameters: Drift Values
The following conditions apply to all the following parameters, unless otherwise specified.
VCC = ±15V, RL = 10KΩ, VIN = 0V, CHold = 0.01 μF, Logic Reference Pin = 0V, Logic Pin = 4V
Deltas required for S-Level product ONLY.
Sub-
Symbol
Parameters
Conditions
Notes
Min
Max
Unit
groups
VOS
Input Offset Voltage
+VCC = 15V, -VCC = -15V
-0.5
0.5
mV
1
IIB
Input Bias Current
+VCC = 15V, -VCC = -15V
-2.5
2.5
nA
1
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LF198QML


Podobny numer części - LF198QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
More results

Podobny opis - LF198QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com