Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM107 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM107
Szczegółowy opis  Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM107 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM107_11 Datasheet HTML 1Page - Texas Instruments LM107_11 Datasheet HTML 2Page - Texas Instruments LM107_11 Datasheet HTML 3Page - Texas Instruments LM107_11 Datasheet HTML 4Page - Texas Instruments LM107_11 Datasheet HTML 5Page - Texas Instruments LM107_11 Datasheet HTML 6Page - Texas Instruments LM107_11 Datasheet HTML 7Page - Texas Instruments LM107_11 Datasheet HTML 8Page - Texas Instruments LM107_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics (Note 3) (Continued)
Parameter
Conditions
LM107LM207
LM307
Units
Min
Typ
Max
Min
Typ
Max
Large Signal Voltage
VS e g15V VOUT e g10V
15
Gain
RL t 2kX
25
VmV
Output Voltage Swing
VS e g15V
RL e 10 kX
g
12
g
14
g
12
g
14
V
RL e 2kX
g
10
g
13
g
10
g
13
V
Input Voltage Range
VS e g20V
g
15
V
VS e g15V
a
15
g
12
a
15
V
b
13
b
13
Common Mode
RS s 50 kX
80
96
70
90
dB
Rejection Ratio
Supply Voltage
RS s 50 kX
80
96
70
96
dB
Rejection Ratio
Note 1
The maximum junction temperature of the LM107 is 150 C and the LM207LM307 is 100 C For operating at elevated temperatures devices in the H08
package must be derated based on a thermal resistance of 165 CW junction to ambient or 30 CW junction to case The thermal resistance of the dual-in-line
package is 100 CW junction to ambient
Note 2
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 3
These specifications apply for g5V s VS s a20V and b55 C s TA s a125 C for the LM107 or b25 C s TA a85 C for the LM207 and 0 C s TA s
a
70 C and g5V s VS s g15V for the LM307 unless otherwise specified
Note 4
Refer to RETS107X for LM107H and LM107J military specifications
Schematic Diagram
Pin connections shown are for metal can
TLH7757 – 1
3


Podobny numer części - LM107_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM107-N TI1-LM107-N Datasheet
444Kb / 12P
[Old version datasheet]   LM107 LM207 LM307 Operational Amplifiers
logo
Shenzhen TOPWAY Technol...
LM1075ACW TOPWAY-LM1075ACW Datasheet
562Kb / 9P
   LCD Module User Manual
LM1075ACW-1 TOPWAY-LM1075ACW-1 Datasheet
587Kb / 9P
   LCD Module User Manual
LM1075BCW TOPWAY-LM1075BCW Datasheet
390Kb / 9P
   LCD Module User Manual
LM1075RCW TOPWAY-LM1075RCW Datasheet
732Kb / 12P
   LCD Module User Manual
More results

Podobny opis - LM107_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com