Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM10507 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LM10507
Szczegółowy opis  LM10507 Triple Buck LDO Power Management Unit
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM10507 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM10507 Datasheet HTML 2Page - Texas Instruments LM10507 Datasheet HTML 3Page - Texas Instruments LM10507 Datasheet HTML 4Page - Texas Instruments LM10507 Datasheet HTML 5Page - Texas Instruments LM10507 Datasheet HTML 6Page - Texas Instruments LM10507 Datasheet HTML 7Page - Texas Instruments LM10507 Datasheet HTML 8Page - Texas Instruments LM10507 Datasheet HTML 9Page - Texas Instruments LM10507 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM10507
SNVS999 – MAY 2014
www.ti.com
7.5 General Electrical Characteristics
(1) (2) (3)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Supply
DEVSLP=High Only Buck3 is ON
IQ(STANDBY)
50
150
µA
Current
,PFM mode, no load. (4)
UNDER/OVERVOLTAGE LOCK OUT
VUVLO_RISING
LM10507-A(4)
2.5
2.8
2.95
VUVLO_FALLING
(4)
2.35
2.5
2.65
V
VOVLO_RISING
LM10507-A(4)
5.7
5.9
VOVLO_FALLING
LM10507-A(4)
5.6
5.8
DIGITAL INTERFACE
VIL
Logic input low
0.3*VVIN_IO
SPI_CS, SPI_DI, SPI_CLK, ENABLE,
RESET, DEVSLP(5)(4)
VIH
Logic input high
0.7*VVIN_I0
V
VOL
Logic output low
0.2*VVIN_IO
PWR_OK (at 2mA load), SPI_DO (4)
VOH
Logic output high
0.8*VVIN_IO
SPI_CS, SPI_DI, SPI_CLK, ENABLE,
−2
Input current, pindriven
DEVSLP
IIL
µA
low
RESET
−5
SPI_CS, SPI_DI, SPI_CLK, RESET
2
Input current, pindriven
IIH
µA
high
ENABLE, DEVSLP
5
fSPI_MAX
SPI max frequency
(4)
10
MHz
Minimum pulse width
tDEVSLP
2
µs
(5)
Minimum pulse width
tRESET
2
(5)
Minimum pulse width
tENABLE
5
µs
(5)
Transition time of
tCOMP
0
1
PWR_OK output (5)
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
Unless otherwise noted, VIN = 5.0V where: VIN = VVIN_B1 = VVIN_B2 = VVIN_B3. Limits apply for TJ = 25°C unless otherwise noted.
(4)
Limits apply over the entire operating junction temperature range of
−30°C ≤TA = TJ ≤ +85°C.
(5)
Specification ensured by design. Not tested during production.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM10507


Podobny numer części - LM10507

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500 TI-LM10500 Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8/NOPB TI-LM10500SQ-0.8/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

Podobny opis - LM10507

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com