Zakładka z wyszukiwarką danych komponentów |
|
LM111QML-SP Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
LM111QML-SP Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 41 page LM111QML www.ti.com SNOSAJ4C – OCTOBER 2005 – REVISED MARCH 2013 LM111/883 Electrical Characteristics DC Parameters (1) (continued) The following conditions apply, unless otherwise specified. V56 = 0, RS = 0 Ω, VCC = ±15V, VCM = 0, VO = 1.4V WRT −VCC The pin assignments are based on the 8 pin package configuration. (2) Sub- Symbol Parameter Conditions Notes Min Max Unit groups VIO Input Offset Voltage VCM = 13.5V -3.0 3.0 mV 1 -4.0 4.0 mV 2, 3 VCM = 13.5V, V85 = V86= 0V (2) -3.0 3.0 mV 1 VCM = -14.5V -3.0 3.0 mV 1 -4.0 4.0 mV 2, 3 VCM = -14.5V, V85 = V86 = 0V (2) -3.0 3.0 mV 1 -3.0 3.0 mV 1 -4.0 4.0 mV 2, 3 V85 = V86 = 0V (2) -3.0 3.0 mV 1 VO = 0.4V, +VCC = 4.5V, -5.0 5.0 mV 1 -VCC = 0V, VCM = 3V -6.0 6.0 mV 2, 3 VO = 4.5V, +VCC = 4.5V, -3.0 3.0 mV 1 -VCC = 0V, VCM = 3V -4.0 4.0 mV 2, 3 VO = 0.4V, +VCC = 4.5V, -5.0 5.0 mV 1 -VCC = 0V, VCM = 0.5V -6.0 6.0 mV 2, 3 VO = 4.5V, +VCC = 4.5V, -3.0 3.0 mV 1 -VCC = 0V, VCM = 0.5V -4.0 4.0 mV 2, 3 AVS Large Signal Gain -12V ≤ VO ≤ 35V, RL = 1KΩ (3) 40 V/mV 4 (3) 30 V/mV 5, 6 (3) Datalog reading in K=V/mV. LM111/883 Electrical Characteristics AC Parameters (1) The following conditions apply, unless otherwise specified. V56 = 0, RS = 0 Ω, VCC = ±15V, VCM = 0, VO = 1.4V WRT −VCC The pin assignments are based on the 8 pin package configuration. (2) Notes Min Max Unit Sub- Symbol Parameter Conditions groups tR Response Time 400 nS 7 (1) Calculated parameter. (2) Pin names based on an 8 pin package configuration. When using higher pin count packages then: Pin 2 & 3 are Inputs, Pin 5 is Balance, Pin 6 is Balance /Strobe, Pin 7 is Output, and Pin 8 is V+. For example: V56 is the Voltage between the Balance and Balance / Strobe pins. LM111-SMD Electrical Characteristics SMD 5962-8687701 DC Parameters (1) The following conditions apply, unless otherwise specified. VCC = ±15V, VCM = 0 Sub- Symbol Parameter Conditions Notes Min Max Unit groups VIO Input Offset Voltage VI = 0V, RS = 50Ω -3.0 +3.0 mV 1 -4.0 +4.0 mV 2, 3 +VCC = 29.5V, -VCC = -0.5V, -3.0 +3.0 mV 1 VI = 0V, VCM = -14.5V, -4.0 +4.0 mV 2, 3 RS = 50Ω +VCC = 2V, -VCC = -28V, -3.0 +3.0 mV 1 VI = 0V, VCM = +13V, -4.0 +4.0 mV 2, 3 RS = 50Ω +VCC = +2.5V, -VCC = -2.5V, -3.0 +3.0 mV 1 VI = 0V, -4.0 +4.0 mV 2, 3 RS = 50Ω (1) Calculated parameter. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM111QML |
Podobny numer części - LM111QML-SP |
|
Podobny opis - LM111QML-SP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |