Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LM20
Szczegółowy opis  DSBGA Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM20 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM20_16 Datasheet HTML 1Page - Texas Instruments LM20_16 Datasheet HTML 2Page - Texas Instruments LM20_16 Datasheet HTML 3Page - Texas Instruments LM20_16 Datasheet HTML 4Page - Texas Instruments LM20_16 Datasheet HTML 5Page - Texas Instruments LM20_16 Datasheet HTML 6Page - Texas Instruments LM20_16 Datasheet HTML 7Page - Texas Instruments LM20_16 Datasheet HTML 8Page - Texas Instruments LM20_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM20
www.ti.com
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
Electrical Characteristics: LM20B (continued)
Unless otherwise noted, these specifications apply for V
+ = 2.7 V
DC. All limits TA = TJ = TMIN to TMAX, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Non-linearity(4)
–20°C
≤ TA ≤ 80°C
±0.4%
Sensor Gain (Temperature Sensitivity or
Average Slope) to equation:
–30°C
≤ TA ≤ 100°C
–12.2
–11.77
–11.4
mV/°C
VO=−11.77 mV / °C×T+1.860 V
Output Impedance
Sourcing IL 0 μA to 16 μA
(5) (6)
160
Ω
Load Regulation(7)
Sourcing IL 0 μA to 16 μA
(3) (6)
–2.5
mV
2.4 V
≤ V+ ≤ 5.0 V
3.3
mV/V
Line Regulation(8)
5.0 V
≤ V+ ≤ 5.5 V
11
mV
2.4 V
≤ V+ ≤ 5.0 V; TA = 25°C
4.5
7
μA
Quiescent Current
5.0 V
≤ V+ ≤ 5.5 V; TA = 25°C
4.5
9
μA
2.4 V
≤ V+ ≤ 5.0 V
4.5
10
μA
Change of Quiescent Current
2.4 V
≤ V+ ≤ 5.5 V
0.7
μA
Temperature Coefficient of Quiescent
–11
nA/°C
Current
Shutdown Current
V+
≤ 0.8 V
0.02
μA
(4)
Non-linearity is defined as the deviation of the calculated output-voltage-versus-temperature curve from the best-fit straight line, over the
temperature range specified.
(5)
The LM20 can at most sink 1
μA and source 16 μA.
(6)
Load regulation or output impedance specifications apply over the supply voltage range of 2.4 V to 5.5 V.
(7)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(8)
Line regulation is calculated by subtracting the output voltage at the highest supply input voltage from the output voltage at the lowest
supply input voltage.
6.6 Electrical Characteristics: LM20C
Unless otherwise noted, these specifications apply for V
+ = 2.7 V
DC. All limits TA = TJ = TMIN to TMAX, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
TA = 25°C to 30°C
–4
5
°C
TA = 130°C
–5
5
°C
TA = 125°C
–5
5
°C
TA = 100°C
–4.7
4.7
°C
Temperature to Voltage Error
TA = 85°C
–4.6
4.6
°C
VO = (−3.88×10
−6× T 2) + (−1.15×10−2×
TA = 80°C
–4.5
4.5
°C
T) + 1.8639 V(3)
TA = 0°C
–4.4
4.4
°C
TA = –30°C
–4.7
4.7
°C
TA = –40°C
–4.8
4.8
°C
TA = –55°C
–5.0
5.0
°C
Output Voltage at 0°C
1.8639
V
Variance from Curve
±1.0
°C
Non-Linearity (4)
–20°C
≤ TA ≤ 80°C
±0.4%
Sensor Gain (Temperature Sensitivity or
Average Slope) to equation:
–30°C
≤ TA ≤ 100°C
–12.6
–11.77
–11.0
mV/°C
VO=−11.77 mV / °C×T+1.860 V
Output Impedance
Sourcing IL 0 μA to 16 μA
(5) (6)
160
Ω
(1)
Limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Accuracy is defined as the error between the measured and calculated output voltage at the specified conditions of voltage, current, and
temperature (expressed in °C).
(4)
Non-linearity is defined as the deviation of the calculated output-voltage-versus-temperature curve from the best-fit straight line, over the
temperature range specified.
(5)
The LM20 can at most sink 1
μA and source 16 μA.
(6)
Load regulation or output impedance specifications apply over the supply voltage range of 2.4 V to 5.5 V.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM20


Podobny numer części - LM20_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
More results

Podobny opis - LM20_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com