Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM118JAN Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM118JAN
Szczegółowy opis  Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM118JAN Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM118JAN_13 Datasheet HTML 3Page - Texas Instruments LM118JAN_13 Datasheet HTML 4Page - Texas Instruments LM118JAN_13 Datasheet HTML 5Page - Texas Instruments LM118JAN_13 Datasheet HTML 6Page - Texas Instruments LM118JAN_13 Datasheet HTML 7Page - Texas Instruments LM118JAN_13 Datasheet HTML 8Page - Texas Instruments LM118JAN_13 Datasheet HTML 9Page - Texas Instruments LM118JAN_13 Datasheet HTML 10Page - Texas Instruments LM118JAN_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LM118JAN
www.ti.com
SNOSAM8A – JULY 2005 – REVISED MARCH 2013
LM118JAN Electrical Characteristics AC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
AC:
VCC = ±20V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
NIBB
Noise Input Broadband
BW = 10Hz to 5KHz,
25
µVRMS
7
RS = 0Ω
NIPC
Noise Input Popcorn
BW = 10Hz to 5KHz,
80
µVPK
7
RS = 20KΩ
TRtR
Transient Response: Rise Time
VI = 50mV, PRR = 1KHz
40
nS
7, 8A, 8B
TROS
Transient Response: Overshoot
VI = 50mV, PRR = 1KHz
50
%
7, 8A, 8B
+SR
Slew Rate
AV = 1, VI = -5V to +5V
50
V/µS
7, 8B
40
V/µS
8A
-SR
Slew Rate
AV = 1, VI = +5V to -5V
50
V/µS
7, 8B
40
V/µS
8A
+tS
Settling Time
VI = -5V to +5V
See(1)
800
nS
12
See(1)
1200
nS
13, 14
-tS
Settling Time
VI = +5V to -5V
See(1)
800
nS
12
See(1)
1200
nS
13, 14
(1)
Errorband = ±2%.
LM118JAN Electrical Characteristics DC Drift Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
VCC = ±20V
Delta calculations performed on JAN S devices at group B, subgroup 5 only.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIO
Input Offset Voltage
VCM = 0V
-1.0
1.0
mV
1
±IIB
Input Bias Current
VCM = 0V, RS = 100KΩ
-25
25
nA
1
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM118JAN


Podobny numer części - LM118JAN_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM118JAN TI-LM118JAN_V01 Datasheet
885Kb / 20P
[Old version datasheet]   LM118JAN Operational Amplifier
REVISED MARCH 2013
More results

Podobny opis - LM118JAN_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com