Zakładka z wyszukiwarką danych komponentów |
|
LM124AQML Arkusz danych(PDF) 11 Page - Texas Instruments |
|
LM124AQML Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 31 page LM124AQML, LM124QML www.ti.com SNOSAE0K – AUGUST 2004 – REVISED MARCH 2013 LM124A - POST RADIATION LIMITS +25°C SMD: 5962R99504 (1) (2) (The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device ground. Sub- Symbol Parameter Conditions Notes Min Max Unit Groups VCC+ = 30V, VCC- = Gnd, -2.5 2.5 mV 1 VCM = +15V VCC+ = 2V, VCC- = -28V, -2.5 2.5 mV 1 VCM = -13V VIO Input Offset Voltage (1) VCC+ = 5V, VCC- = Gnd, -2.5 2.5 mV 1 VCM = +1.4V VCC+ = 2.5V, VCC- = -2.5, -2.5 2.5 mV 1 VCM = -1.1V VCC+ = 30V, VCC- = Gnd, -15 15 nA 1 VCM = +15V VCC+ = 2V, VCC- = -28V, -15 15 nA 1 VCM = -13V IIO Input Offset Current (1) VCC+ = 5V, VCC- = Gnd, -15 15 nA 1 VCM = +1.4V VCC+ = 2.5V, VCC- = -2.5V, -15 15 nA 1 VCM = -1.1V VCC+ = 30V, VCC- = Gnd, -75 +0.1 nA 1 VCM = +15V VCC+ = 2V, VCC- = -28V, -75 +0.1 nA 1 VCM = -13V ±IIB Input Bias Current (1) VCC+ = 5V, VCC- = Gnd, -75 +0.1 nA 1 VCM = +1.4V VCC+ = 2.5V, VCC- = -2.5V, -75 +0.1 nA 1 VCM = -1.1V VCC+ = 30V, VCC- = Gnd, 40 V/mV 4 1V ≤ VO ≤ 26V, RL = 10K Ω AVS+ Voltage Gain (1) VCC+ = 30V, VCC- = Gnd, 40 V/mV 4 5V ≤ VO ≤ 20V, RL = 2K Ω (1) Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are ensured only for the conditions as specified in MIL-STD-883, Method 1019 (2) Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no enhanced low dose rate sensitivity (ELDRS) effect. Copyright © 2004–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM124AQML LM124QML |
Podobny numer części - LM124AQML_16 |
|
Podobny opis - LM124AQML_16 |