Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM318 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części LM318
Szczegółowy opis  FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM318 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM318 Datasheet HTML 1Page - Texas Instruments LM318 Datasheet HTML 2Page - Texas Instruments LM318 Datasheet HTML 3Page - Texas Instruments LM318 Datasheet HTML 4Page - Texas Instruments LM318 Datasheet HTML 5Page - Texas Instruments LM318 Datasheet HTML 6Page - Texas Instruments LM318 Datasheet HTML 7Page - Texas Instruments LM318 Datasheet HTML 8Page - Texas Instruments LM318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
The LM118 and LM218 are
obsolete and are no longer supplied.
LM118, LM218, LM318
FAST GENERALPURPOSE OPERATIONAL AMPLIFIERS
SLOS063B – JUNE 1976 – REVISED DECEMBER 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
symbol
+
BAL/COMP1
COMP2
BAL/COMP3
IN+
IN–
OUT
1
8
5
3
2
Pin numbers shown are for the D, JG, P, and PS packages.
6
schematic
33
COMP2
2 k
2 k
20 k
20 k
20 k
5 k
5 k
5 k
150 k
1 k
1 k
3.5 k
13
25
30
50
4 k
500
1.2 k
1.2 k
110
5.6 k
30
1.7 k
6 pF
28 pF
100 pF
VCC+
OUT
VCC–
IN–
IN+
Component values shown are nominal.
BAL/COMP1
BAL/COMP3


Podobny numer części - LM318

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LM318 UTC-LM318 Datasheet
252Kb / 6P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM318 TI-LM318 Datasheet
342Kb / 11P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Linear Technology
LM318 LINER-LM318 Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
Unisonic Technologies
LM318-D08-T UTC-LM318-D08-T Datasheet
252Kb / 6P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM318-N TI-LM318-N Datasheet
1Mb / 25P
[Old version datasheet]   LM118-N/lm218-N/LM318-N Operational Amplifiers
More results

Podobny opis - LM318

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM118 TI-LM118_07 Datasheet
342Kb / 11P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com