Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1972M Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM1972M
Szczegółowy opis  2-Channel 78dB Audio Attenuator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972M Arkusz danych(HTML) 1 Page - Texas Instruments

  LM1972M Datasheet HTML 1Page - Texas Instruments LM1972M Datasheet HTML 2Page - Texas Instruments LM1972M Datasheet HTML 3Page - Texas Instruments LM1972M Datasheet HTML 4Page - Texas Instruments LM1972M Datasheet HTML 5Page - Texas Instruments LM1972M Datasheet HTML 6Page - Texas Instruments LM1972M Datasheet HTML 7Page - Texas Instruments LM1972M Datasheet HTML 8Page - Texas Instruments LM1972M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM1972
www.ti.com
SNAS094D – APRIL 1995 – REVISED MARCH 2013
LM1972
μPot 2-Channel 78dB Audio Attenuator with Mute
Check for Samples: LM1972
1
FEATURES
DESCRIPTION
The LM1972 is a digitally controlled 2-channel 78dB
2
3-Wire Serial Interface
audio attenuator fabricated on a CMOS process.
Daisy-Chain Capability
Each channel has attenuation steps of 0.5dB from
104dB Mute Attenuation
0dB–47.5dB, 1.0dB steps from 48dB–78dB, with a
mute function attenuating 104dB. Its logarithmic
Pop and Click Free Attenuation Changes
attenuation
curve
can
be
customized
through
software to fit the desired application.
APPLICATIONS
The performance of a
μPot is demonstrated through
Automated Studio Mixing Consoles
its excellent Signal-to-Noise Ratio, extremely low
Music Reproduction Systems
(THD+N), and high channel separation. Each
μPot
Sound Reinforcement Systems
contains a mute function that disconnects the input
signal
from
the
output,
providing
a
minimum
Electronic Music (MIDI)
attenuation
of
96dB.
Transitions
between
any
Personal Computer Audio Control
attenuation settings are pop free.
The LM1972's 3-wire serial digital interface is TTL
KEY SPECIFICATIONS
and CMOS compatible; receiving data that selects a
Total Harmonic Distortion +
channel and the desired attenuation level. The Data-
Noise: 0.003 % (max)
Out pin of the LM1972 allows multiple
μPots to be
daisy-chained together, reducing the number of
Frequency response: 100 kHz (
−3dB) (min)
enable and data lines to be routed for a given
Attenuation range (excluding
application.
mute): 78 dB (typ)
Differential attenuation: ±0.25 dB (max)
Signal-to-noise ratio
(ref. 4 Vrms): 110 dB (min)
Channel separation: 100 dB (min)
Typical Application
Connection Diagram
Figure 1. Typical Audio Attenuator Application
Figure 2. 20-Lead SOIC - Top View
Circuit
See DW Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM1972M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1972M NSC-LM1972M Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972M TI1-LM1972M Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1972MNOPB TI1-LM1972MNOPB Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1972MXNOPB TI1-LM1972MXNOPB Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
More results

Podobny opis - LM1972M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 TI1-LM1973_16 Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
logo
List of Unclassifed Man...
CS8563S ETC2-CS8563S Datasheet
1Mb / 12P
   2-Channel Audio Amplifier
logo
Texas Instruments
LM1971 TI1-LM1971_14 Datasheet
965Kb / 20P
[Old version datasheet]   Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
logo
National Semiconductor ...
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Princeton Technology Co...
PT2315 PTC-PT2315 Datasheet
242Kb / 3P
   2-Channel Audio Processor IC?
logo
Pan Jit International I...
PT2315A PANJIT-PT2315A Datasheet
396Kb / 22P
   2-Channel Audio Processor IC
logo
Realtek Semiconductor C...
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com