Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM12458CIV Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM12458CIV
Szczegółowy opis  12-Bit Sign Data Acquisition System
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM12458CIV Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM12458CIV Datasheet HTML 7Page - Texas Instruments LM12458CIV Datasheet HTML 8Page - Texas Instruments LM12458CIV Datasheet HTML 9Page - Texas Instruments LM12458CIV Datasheet HTML 10Page - Texas Instruments LM12458CIV Datasheet HTML 11Page - Texas Instruments LM12458CIV Datasheet HTML 12Page - Texas Instruments LM12458CIV Datasheet HTML 13Page - Texas Instruments LM12458CIV Datasheet HTML 14Page - Texas Instruments LM12458CIV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
LM12454, LM12458, LM12H458
www.ti.com
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
DIGITAL TIMING CHARACTERISTICS
(1) (2) (3)
The following specifications apply to the LM12454, LM12458, and LM12H458 for VA+ = VD+ = 5V, tr = tf = 3 ns, and CL = 100
pF on data I/O, INT and DMARQ lines unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other
limits TA = TJ = 25°C.
Symbol (See
Figure 7
Parameter
Conditions
Typical (4)
Limits (5)
Units
Figure 40
Figure 42)
1, 3
CS or Address Valid to ALE Low Set-Up Time
40
ns (min)
2, 4
CS or Address Valid to ALE Low Hold Time
20
ns (min)
5
ALE Pulse Width
45
ns (min)
6
RD High to Next ALE High
35
ns (min)
7
ALE Low to RD Low
20
ns (min)
8
RD Pulse Width
100
ns (min)
9
RD High to Next RD or WR Low
100
ns (min)
10
ALE Low to WR Low
20
ns (min)
11
WR Pulse Width
60
ns (min)
12
WR High to Next ALE High
75
ns (min)
13
WR High to Next RD or WR Low
140
ns (min)
14
Data Valid to WR High Set-Up Time
40
ns (min)
15
Data Valid to WR High Hold Time
30
ns (min)
10
ns (min)
16
RD Low to Data Bus Out of TRI-STATE
40
70
ns (max)
10
ns (min)
17
RD High to TRI-STATE
RL = 1 kΩ
30
110
ns (max)
10
ns (min)
18
RD Low to Data Valid (Access Time)
30
80
ns (max)
20
Address Valid or CS Low to RD Low
20
ns (min)
21
Address Valid or CS Low to WR Low
20
ns (min)
19
Address Invalid from RD or WR High
10
ns (min)
10
ns (min)
22
INT High from RD Low
30
60
ns (max)
10
ns (min)
23
DMARQ Low from RD Low
30
60
ns (max)
(1)
Two on-chip diodes are tied to each analog input through a series resistor, as shown below. Input voltage magnitude up to 5V above
VA+ or 5V below GND will not damage the LM12454 or the LM12(H)458. However, errors in the A/D conversion can occur if these
diodes are forward biased by more than 100 mV. As an example, if VA+ is 4.5 VDC, full-scale input voltage must be ≤4.6 VDC to ensure
accurate conversions. See Figure 3
(2)
VA+ and VD+ must be connected together to the same power supply voltage and bypassed with separate capacitors at each V
+ pin to
assure conversion/comparison accuracy.
(3)
Accuracy is ensured when operating at fCLK = 5 MHz for the LM12454/8 and fCLK = 8 MHz for the LM12H458.
(4)
Typical figures are at TA = 25°C and represent most likely parametric norm.
(5)
Limits are to AOQL (Average Output Quality Level).
Figure 3.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM12454 LM12458 LM12H458


Podobny numer części - LM12458CIV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM12458CIV NSC-LM12458CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12458CIV NSC-LM12458CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12458CIV TI1-LM12458CIV Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12458CIVF NSC-LM12458CIVF Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12458CIVF NSC-LM12458CIVF Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Podobny opis - LM12458CIV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
SP8480 SIPEX-SP8480 Datasheet
246Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com