Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM139AQML-SP Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM139AQML-SP
Szczegółowy opis  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM139AQML-SP Arkusz danych(HTML) 1 Page - Texas Instruments

  LM139AQML-SP Datasheet HTML 1Page - Texas Instruments LM139AQML-SP Datasheet HTML 2Page - Texas Instruments LM139AQML-SP Datasheet HTML 3Page - Texas Instruments LM139AQML-SP Datasheet HTML 4Page - Texas Instruments LM139AQML-SP Datasheet HTML 5Page - Texas Instruments LM139AQML-SP Datasheet HTML 6Page - Texas Instruments LM139AQML-SP Datasheet HTML 7Page - Texas Instruments LM139AQML-SP Datasheet HTML 8Page - Texas Instruments LM139AQML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM139AQML, LM139QML
www.ti.com
SNOSAH8G – FEBRUARY 2005 – REVISED MARCH 2013
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Check for Samples: LM139AQML, LM139QML
1
FEATURES
Compatible with all Forms of Logic
Power Drain Suitable for Battery Operation
2
Available With Radiation Ensured
Total Ionizing Dose 100 krad(Si)
DESCRIPTION
ELDRS Free 100 krad(Si)
The LM139 series consists of four independent
Wide Supply Voltage Range
precision voltage comparators with an offset voltage
LM139/139A Series 2 to 36 VDC or ±1 to ±18 VDC
specification as low as 2 mV max for all four
comparators. These were designed specifically to
Very Low Supply Current Drain (0.8 mA) —
operate from a single power supply over a wide range
Independent of Supply Voltage
of voltages. Operation from split power supplies is
Low Input Biasing Current: 25 nA
also possible and the low power supply current drain
is independent of the magnitude of the power supply
Low Input Offset Current: ±5 nA
voltage. These comparators also have a unique
Offset Voltage: ±1 mV
characteristic in that the input common-mode voltage
Input Common-mode Voltage Range Includes
range includes ground, even though operated from a
GND
single power supply voltage.
Differential Input Voltage Range Equal to the
Application areas include limit comparators, simple
Power Supply Voltage
analog to digital converters; pulse, squarewave and
Low Output Saturation Voltage: 250 mV at 4
time delay generators; wide range VCO; MOS clock
mA
timers; multivibrators and high voltage digital logic
gates. The LM139 series was designed to directly
Output Voltage Compatible with TTL, DTL,
interface with TTL and CMOS. When operated from
ECL, MOS and CMOS Logic Systems
both plus and minus power supplies, they will directly
interface with MOS logic— where the low power drain
ADVANTAGES
of the LM139/LM139A is a distinct advantage over
standard comparators.
High Precision Comparators
Reduced VOS Drift Over Temperature
Eliminates Need for Dual Supplies
Allows Sensing Near GND
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM139AQML-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM139AQML NSC-LM139AQML Datasheet
510Kb / 24P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
LM139AQML TI1-LM139AQML_14 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results

Podobny opis - LM139AQML-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com