Zakładka z wyszukiwarką danych komponentów |
|
LM318M Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
LM318M Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 25 page LM118-N, LM218-N, LM318-N SNOSBS8C – MARCH 1998 – REVISED MARCH 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) Supply Voltage ±20V Power Dissipation (3) 500 mW Differential Input Current (4) ±10 mA Input Voltage (5) ±15V Output Short-Circuit Duration Continuous Operating Temperature Range lm118-n −55°C to +125°C LM218-N −25°C to +85°C LM318-N 0°C to +70°C Storage Temperature Range −65°C to +150°C Lead Temperature (Soldering, 10 sec.) TO-99 Package 300°C PDIP Package 260°C Soldering Information Dual-In-Line Package Soldering (10 sec.) 260°C SOIC Package Vapor Phase (60 sec.) 215°C Infrared (15 sec.) 220°C ESD Tolerance (6) 2000V (1) Refer to RETS118X for LM118H and LM118J military specifications. (2) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications. (3) The maximum junction temperature of the lm118-n is 150°C, the LM218-N is 110°C, and the LM318-N is 110°C. For operating at elevated temperatures, devices in the LMC package must be derated based on a thermal resistance of 160°C/W, junction to ambient, or 20°C/W, junction to case. The thermal resistance of the dual-in-line package is 100°C/W, junction to ambient. (4) The inputs are shunted with back-to-back diodes for overvoltage protection. Therefore, excessive current will flow if a differential input voltage in excess of 1V is applied between the inputs unless some limiting resistance is used. (5) For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage. (6) Human body model, 1.5 k Ω in series with 100 pF. Electrical Characteristics (1) Parameter Conditions LM118-N/LM218-N LM318-N Units Min Typ Max Min Typ Max Input Offset Voltage TA = 25°C 2 4 4 10 mV Input Offset Current TA = 25°C 6 50 30 200 nA Input Bias Current TA = 25°C 120 250 150 500 nA Input Resistance TA = 25°C 1 3 0.5 3 M Ω Supply Current TA = 25°C 5 8 5 10 mA Large Signal Voltage Gain TA = 25°C, VS = ±15V 50 200 25 200 V/mV VOUT = ±10V, RL ≥ 2 kΩ Slew Rate TA = 25°C, VS = ±15V, AV = 1 50 70 50 70 V/ μs (2) Small Signal Bandwidth TA = 25°C, VS = ±15V 15 15 MHz Input Offset Voltage 6 15 mV Input Offset Current 100 300 nA (1) These specifications apply for ±5V ≤ VS ≤ ±20V and −55°C ≤ TA ≤ +125°C (lm118-n), −25°C ≤ TA ≤ +85°C (LM218-N), and 0°C ≤ TA ≤ +70°C (LM318-N). Also, power supplies must be bypassed with 0.1 μF disc capacitors. (2) Slew rate is tested with VS = ±15V. The lm118-n is in a unity-gain non-inverting configuration. VIN is stepped from −7.5V to +7.5V and vice versa. The slew rates between −5.0V and +5.0V and vice versa are tested and specified to exceed 50V/μs. 2 Submit Documentation Feedback Copyright © 1998–2013, Texas Instruments Incorporated Product Folder Links: LM118-N LM218-N LM318-N |
Podobny numer części - LM318M |
|
Podobny opis - LM318M |