Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25119 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25119
Szczegółowy opis  Wide Input Range, Dual Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25119 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM25119 Datasheet HTML 2Page - Texas Instruments LM25119 Datasheet HTML 3Page - Texas Instruments LM25119 Datasheet HTML 4Page - Texas Instruments LM25119 Datasheet HTML 5Page - Texas Instruments LM25119 Datasheet HTML 6Page - Texas Instruments LM25119 Datasheet HTML 7Page - Texas Instruments LM25119 Datasheet HTML 8Page - Texas Instruments LM25119 Datasheet HTML 9Page - Texas Instruments LM25119 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
LM25119, LM25119-Q1
SNVS680H – AUGUST 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM25119
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Thermal Information
THERMAL METRIC(1)
LM25119, LM25119-Q1
UNIT
RTV (WQFN)
32 PINS
RθJA
Junction-to-ambient thermal resistance
36.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.9
°C/W
RθJB
Junction-to-board thermal resistance
9
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
8.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.2
°C/W
(1)
Minimum and Maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Texas Instrument's Average Outgoing Quality
Level (AOQL).
(2)
Per VCC Regulator.
6.6 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature
range. VIN = 36 V, VCC = 8 V, VCCDIS = 0 V, EN2 = 5 V, RT = 25 kΩ, and no load on LO or HO (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
VIN SUPPLY
IBIAS
VIN operating current
SS1 = SS2 = 0 V
6
7.3
mA
VCCDIS = 2 V, SS1 = SS2 = 0 V
340
500
µA
IVCC
VCC1 operating current
VCCDIS = 2 V, SS1 = SS2 = 0 V
3.9
4.5
mA
VCC2 operating current
VCCDIS = 2 V, SS1 = SS2 = 0 V
1.4
2
mA
ISHUTDOWN
VIN shutdown current
UVLO = 0 V, SS1 = SS2 = 0 V
15
33
µA
VCC REGULATOR(2)
VCC(REG)
VCC regulation
6.77
7.6
8.34
V
VIN = 4.5 V, No external load
4.4
4.46
Sourcing current limit
VCC = 0 V
25
40
mA
VCCDIS switch threshold
VCCDIS rising
1.19
1.25
1.29
V
VCCDIS switch hysteresis
0.07
V
VCCDIS input current
VCCDIS = 0 V
–20
nA
Undervoltage threshold
Positive going VCC
3.8
4
4.2
V
Undervoltage hysteresis
0.2
V
EN2 INPUT
VIL
EN2 input low threshold
2
1.5
V
VIH
EN2 input high threshold
2.9
2.5
V
EN2 input pullup resistor
50
k
UVLO
Threshold
UVLO rising
1.2
1.25
1.29
V
Hysterisis current
UVLO = 1.4 V
15
20
25
µA
Shutdown threshold
0.4
V
Shutdown hysteresis voltage
0.1
V
SOFT START
Current source
SS = 0 V
7
10
13
µA
Pulldown RDSON
10


Podobny numer części - LM25119

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25119 NSC-LM25119 Datasheet
1Mb / 10P
   Evaluation Board provides the design engineer with a fully functional
logo
Texas Instruments
LM25119 TI-LM25119 Datasheet
1Mb / 33P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM25119PSQE TI-LM25119PSQE Datasheet
1Mb / 33P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM25119 TI-LM25119_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
More results

Podobny opis - LM25119

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com