Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHCT14RGYRG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74AHCT14RGYRG4
Szczegółowy opis  SNx4AHCT14 Hex Schmitt-Trigger Inverters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT14RGYRG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74AHCT14RGYRG4 Datasheet HTML 2Page - Texas Instruments SN74AHCT14RGYRG4 Datasheet HTML 3Page - Texas Instruments SN74AHCT14RGYRG4 Datasheet HTML 4Page - Texas Instruments SN74AHCT14RGYRG4 Datasheet HTML 5Page - Texas Instruments SN74AHCT14RGYRG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT14RGYRG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT14RGYRG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT14RGYRG4 Datasheet HTML 9Page - Texas Instruments SN74AHCT14RGYRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
SN54AHCT14, SN74AHCT14
SCLS246Q – OCTOBER 1995 – REVISED JULY 2014
www.ti.com
7.7 Noise Characteristics
VCC = 5 V, CL = 50 pF, TA = 25°C
(1)
SN74AHCT14
PARAMETER
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.9
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.7
V
VOH(V)
Quiet output, minimum dynamic VOH
4.3
V
VIH(D)
High-level dynamic input voltage
2.1
V
VIL(D)
Low-level dynamic input voltage
0.5
V
(1)
Characteristics are for surface-mount packages only.
7.8 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
112
pF
7.9 Typical Characteristics
One common misconception is that the current consumption will be less when switching a slow signal into a Schmitt trigger.
This is partly true because the Schmitt trigger prevents oscillation which can draw a lot of current; however, you will see
higher ICC current due to the amount of time the input is not at the rail. This is Delta ICC. Delta ICC is where the inputs are not
at the rails and upper or lower drive transistors are partially on. Figure 1 shows ICC across the input voltage sweep.
Figure 1. Supply Current vs Input Voltage
6
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHCT14 SN74AHCT14


Podobny numer części - SN74AHCT14RGYRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHCT14RGYRG4 TI-SN74AHCT14RGYRG4 Datasheet
1,014Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14RGYRG4 TI-SN74AHCT14RGYRG4 Datasheet
957Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHCT14RGYRG4 TI-SN74AHCT14RGYRG4 Datasheet
894Kb / 21P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Podobny opis - SN74AHCT14RGYRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54AHCT14 TI-SN54AHCT14_V01 Datasheet
3Mb / 38P
[Old version datasheet]   SNx4AHCT14 Hex Schmitt-Trigger Inverters
REVISED JUNE 2023
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com