Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317L-N Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM317L-N
Szczegółowy opis  3-Terminal Adjustable Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM317L-N Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM317L-N Datasheet HTML 6Page - Texas Instruments LM317L-N Datasheet HTML 7Page - Texas Instruments LM317L-N Datasheet HTML 8Page - Texas Instruments LM317L-N Datasheet HTML 9Page - Texas Instruments LM317L-N Datasheet HTML 10Page - Texas Instruments LM317L-N Datasheet HTML 11Page - Texas Instruments LM317L-N Datasheet HTML 12Page - Texas Instruments LM317L-N Datasheet HTML 13Page - Texas Instruments LM317L-N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
LM317L-N
SNVS775K – MARCH 2000 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM317L-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Load Regulation
The LM317L-N is capable of providing extremely good load regulation but a few precautions are needed to
obtain maximum performance. The current set resistor connected between the adjustment terminal and the
output terminal (usually 240
Ω) must be tied directly to the output of the regulator rather than near the load. This
eliminates line drops from appearing effectively in series with the reference and degrading regulation. For
example, a 15-V regulator with 0.05-
Ω resistance between the regulator and load will have a load regulation due
to line resistance of 0.05
Ω × IL. If the set resistor is connected near the load the effective line resistance will be
0.05
Ω (1 + R2/R1) or in this case, 11.5 times worse.
Figure 14 shows the effect of resistance between the regulator and 240-
Ω set resistor.
With the TO-92 package, it is easy to minimize the resistance from the case to the set resistor, by using two
separate leads to the output pin. The ground of R2 can be returned near the ground of the load to provide
remote ground-sensing and improve load regulation.
Figure 14. Regulator With Line Resistance in Output Lead
7.4 Device Functional Modes
7.4.1 External Capacitors
An input bypass capacitor is recommended in case the regulator is more than 6 inches away from the usual large
filter capacitor. A 0.1-
μF disc or 1-μF solid tantalum on the input is suitable input bypassing for almost all
applications. The device is more sensitive to the absence of input bypassing when adjustment or output
capacitors are used, but the above values will eliminate the possibility of problems.
The adjustment terminal can be bypassed to ground on the LM317L-N to improve ripple rejection and noise. This
bypass capacitor prevents ripple and noise from being amplified as the output voltage is increased. With a 10-
μF
bypass capacitor 80-dB ripple rejection is obtainable at any output level. Increases over 10-
μF do not appreciably
improve the ripple rejection at frequencies above 120 Hz. If the bypass capacitor is used, it is sometimes
necessary to include protection diodes to prevent the capacitor from discharging through internal low current
paths and damaging the device.
In general, the best type of capacitors to use is solid tantalum. Solid tantalum capacitors have low impedance
even at high frequencies. Depending upon capacitor construction, it takes about 25
μF in aluminum electrolytic to
equal 1-
μF solid tantalum at high frequencies. Ceramic capacitors are also good at high frequencies; but some
types have a large decrease in capacitance at frequencies around 0.5 MHz. For this reason, a 0.01-
μF disc may
seem to work better than a 0.1-
μF disc as a bypass.
Although the LM317L-N is stable with no output capacitors, like any feedback circuit, certain values of external
capacitance can cause excessive ringing. This occurs with values between 500 pF and 5000 pF. A 1-
μF solid
tantalum (or 25-
μF aluminum electrolytic) on the output swamps this effect and insures stability.
7.4.2 Protection Diodes
When external capacitors are used with any IC regulator it is sometimes necessary to add protection diodes to
prevent the capacitors from discharging through low current points into the regulator. Most 10-
μF capacitors have
low enough internal series resistance to deliver 20-A spikes when shorted. Although the surge is short, there is
enough energy to damage parts of the IC.


Podobny numer części - LM317L-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM317L-N TI1-LM317L-N Datasheet
435Kb / 22P
[Old version datasheet]   LM317L 3-Terminal Adjustable Regulator
LM317L-N TI-LM317L-N Datasheet
1Mb / 27P
[Old version datasheet]   The LM317L-N is an adjustable 3-terminal positive voltage regulator capable of supplying 100mA over a 1.2V to 37V output range.
More results

Podobny opis - LM317L-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com