Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IXXK200N60B3 Arkusz danych(PDF) 5 Page - IXYS Corporation

Numer części IXXK200N60B3
Szczegółowy opis  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXK200N60B3 Arkusz danych(HTML) 5 Page - IXYS Corporation

  IXXK200N60B3 Datasheet HTML 1Page - IXYS Corporation IXXK200N60B3 Datasheet HTML 2Page - IXYS Corporation IXXK200N60B3 Datasheet HTML 3Page - IXYS Corporation IXXK200N60B3 Datasheet HTML 4Page - IXYS Corporation IXXK200N60B3 Datasheet HTML 5Page - IXYS Corporation IXXK200N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXXK200N60B3
IXXX200N60B3
Fig. 13. Inductive Switching Energy Loss vs.
Gate Resistance
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
123
45
67
89
10
RG - Ohms
0
1
2
3
4
5
6
7
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 360V
I C = 50A
I C = 100A
Fig. 16. Inductive Turn-off Switching Times vs.
Gate Resistance
160
200
240
280
320
360
12345
6789
10
RG - Ohms
100
200
300
400
500
600
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 360V
I C = 100A
I C = 50A
Fig. 14. Inductive Switching Energy Loss vs.
Collector Current
1.5
2.0
2.5
3.0
3.5
4.0
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
0
1
2
3
4
5
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 360V
TJ = 150ºC
TJ = 25ºC
Fig. 15. Inductive Switching Energy Loss vs.
Junction Temperature
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
150
TJ - Degrees Centigrade
0
1
2
3
4
5
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 360V
I C = 50A
I C = 100A
Fig. 17. Inductive Turn-off Switching Times vs.
Collector Current
60
100
140
180
220
260
300
340
380
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
120
140
160
180
200
220
240
260
280
t f i
td(off) - - - -
RG = 1, VGE = 15V
VCE = 360V
TJ = 150ºC
TJ = 25ºC
Fig. 18. Inductive Turn-off Switching Times vs.
Junction Temperature
50
100
150
200
250
300
350
400
450
25
50
75
100
125
150
TJ - Degrees Centigrade
120
140
160
180
200
220
240
260
280
t f i
td(off) - - - -
RG = 1, VGE = 15V
VCE = 360V
I C = 100A
I C = 50A


Podobny numer części - IXXK200N60B3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
More results

Podobny opis - IXXK200N60B3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com