Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IXXK160N65C4 Arkusz danych(PDF) 5 Page - IXYS Corporation

Numer części IXXK160N65C4
Szczegółowy opis  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXK160N65C4 Arkusz danych(HTML) 5 Page - IXYS Corporation

  IXXK160N65C4 Datasheet HTML 1Page - IXYS Corporation IXXK160N65C4 Datasheet HTML 2Page - IXYS Corporation IXXK160N65C4 Datasheet HTML 3Page - IXYS Corporation IXXK160N65C4 Datasheet HTML 4Page - IXYS Corporation IXXK160N65C4 Datasheet HTML 5Page - IXYS Corporation IXXK160N65C4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
IXXK160N65C4
IXXX160N65C4
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
0
1
2
3
4
5
12
3
4567
89
10
RG - Ohms
0
2
4
6
8
10
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 400V
I C = 40A
I C = 80A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
12
345
678
9
10
RG - Ohms
0
100
200
300
400
500
600
700
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 80A
I C = 40A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
0.2
0.6
1.0
1.4
1.8
2.2
2.6
40
50
60
70
80
90
100
IC - Amperes
1
2
3
4
5
6
7
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
25
50
75
100
125
150
TJ - Degrees Centigrade
0
1
2
3
4
5
6
7
8
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 400V
I C = 40A
I C = 80A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
150
160
170
180
190
200
210
220
230
40
50
60
70
80
90
100
IC - Amperes
0
15
30
45
60
75
90
105
120
t f i
td(off) - - - -
RG = 1, VGE = 15V
VCE = 400V
TJ = 150ºC
TJ = 25ºC
TJ = 150ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
0
10
20
30
40
50
60
70
80
25
50
75
100
125
150
TJ - Degrees Centigrade
150
160
170
180
190
200
210
220
230
t f i
td(off) - - - -
RG = 1, VGE = 15V
VCE = 400V
I C = 80A
I C = 40A
I C = 40A


Podobny numer części - IXXK160N65C4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
IXXK160N65B4 IXYS-IXXK160N65B4 Datasheet
216Kb / 6P
   Preliminary Technical Information
More results

Podobny opis - IXXK160N65C4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com