Zakładka z wyszukiwarką danych komponentów |
|
LM3209-G3 Arkusz danych(PDF) 11 Page - Texas Instruments |
|
LM3209-G3 Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 22 page 2 és/DIV 1V/DIV VOUT 5V/DIV IL 1A/DIV SW1 5V/DIV SW2 IOUT VOUT 50 mV/ DIV 100 mA/DIV 20 Ps/DIV LM3209-G3 www.ti.com SNVS626B – NOVEMBER 2009 – REVISED MARCH 2013 TYPICAL PERFORMANCE CHARACTERISTICS (continued) (VIN = PVIN = EN = 3.6V and TA = 25°C, unless otherwise noted) Time Current Limit Load Transient (VOUT = 2.5V to Ground shorted, RLOAD = 15Ω) (VIN = 3.3V, VOUT = 4.2V, RLOAD = 11Ω/22Ω) Figure 26. Figure 27. Load Transient Line Transient (VIN = 4.2V, VOUT = 3.6V, RLOAD = 11Ω/22Ω) (VIN = 3.6V-4.2, VOUT = 3.9V, RLOAD = 11.4Ω) Figure 28. Figure 29. Line Transient (VIN = 2.7V-3.3V, VOUT = 3.9V, RLOAD = 11.4Ω) Figure 30. Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM3209-G3 |
Podobny numer części - LM3209-G3_16 |
|
Podobny opis - LM3209-G3_16 |