Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3243 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM3243
Szczegółowy opis  High-Current Step-Down Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM3243_16 Datasheet HTML 1Page - Texas Instruments LM3243_16 Datasheet HTML 2Page - Texas Instruments LM3243_16 Datasheet HTML 3Page - Texas Instruments LM3243_16 Datasheet HTML 4Page - Texas Instruments LM3243_16 Datasheet HTML 5Page - Texas Instruments LM3243_16 Datasheet HTML 6Page - Texas Instruments LM3243_16 Datasheet HTML 7Page - Texas Instruments LM3243_16 Datasheet HTML 8Page - Texas Instruments LM3243_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
4
3
2
1
A
B
C
D
ACB
ACB
BGND
FB
PVIN
PVIN
BP
MODE
SW
SW
EN
VCON
PGND
PGND
SGND
VDD
4
3
2
1
A
B
C
D
ACB
ACB
BGND
FB
PVIN
PVIN
BP
MODE
SW
SW
EN
VCON
PGND
PGND
SGND
VDD
Top View
Bottom View
LM3243
www.ti.com
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
5
Pin Configuration and Functions
TMD Package
16-Pin DSBGA
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
PGND
Ground
Power ground to the internal NFET switch.
B1
C1
SGND
Ground
Signal analog and control ground (low current).
D1
VDD
Power
Analog supply input.
A2
Switching node connection to the internal PFET switch and NFET synchronous rectifier. Connect
SW
Analog
to an inductor with a saturation current rating that exceeds the ILIM,PFET,Steady State current limit
B2
specification of the LM3243.
Enable input. Set this digital input HIGH for normal operation. For shutdown, set low. Pin has an
C2
EN
Digital/Input
800-k
Ω internal pulldown resistor.
D2
VCON
Analog
Voltage control analog input. VOUT = 2.5 × VCON.
A3
PVIN
Power
Power supply voltage input to the internal PFET switch and ACB.
B3
Bypass mode input. Set the pin HIGH for forced Bypass mode operation. Set the pin LOW for
C3
BP
Digital
automatic analog bypass mode (recommended).
PWM/PFM mode selection input. Setting the pin HIGH allows for PFM or PWM, depending on
D3
MODE
Digital/Input
the load current. Setting the pin LOW forces the part to be in PWM only.
A4
ACB
Output
Analog Current Bypass (ACB). Connect to the output at the output filter capacitor.
B4
C4
BGND
Ground
ACB ground (high current).
D4
FB
Analog
Feedback analog input. Connect to the output at the output filter capacitor.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3243


Podobny numer części - LM3243_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
More results

Podobny opis - LM3243_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
logo
Linear Technology
LTC3877 LINER-LTC3877 Datasheet
1Mb / 18P
   High Current Step-Down Converter
logo
Maxim Integrated Produc...
MAX16984A MAXIM-MAX16984A_V01 Datasheet
1Mb / 49P
   Automotive High-Current Step-Down Converter
2021
logo
Linear Technology
LTC7851 LINER-LTC7851 Datasheet
925Kb / 20P
   High Output Current 4-Phase Step-Down Converter
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
   Low Quiescent Current, High Voltage Step-Down Converter
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
   LOW QUIESCENT CURRENT STEP DOWN CONVERTER
logo
Monolithic Power System...
EV2312-Q-00A MPS-EV2312-Q-00A Datasheet
430Kb / 7P
   24V, High Current Synchronous Step-down Converter Evaluation Board
EV8765-Q-00A MPS-EV8765-Q-00A Datasheet
663Kb / 9P
   24V, High Current Synchronous Step-down Converter Evaluation Board
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com