Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3269 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części LM3269
Szczegółowy opis  Seamless-Transition Buck-Boost Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3269 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM3269_16 Datasheet HTML 6Page - Texas Instruments LM3269_16 Datasheet HTML 7Page - Texas Instruments LM3269_16 Datasheet HTML 8Page - Texas Instruments LM3269_16 Datasheet HTML 9Page - Texas Instruments LM3269_16 Datasheet HTML 10Page - Texas Instruments LM3269_16 Datasheet HTML 11Page - Texas Instruments LM3269_16 Datasheet HTML 12Page - Texas Instruments LM3269_16 Datasheet HTML 13Page - Texas Instruments LM3269_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LM3269
SNVS793D – NOVEMBER 2011 – REVISED MAY 2015
www.ti.com
7.3 Feature Description
7.3.1 Dynamically Adjustable Output Voltage
The LM3269 features a dynamically adjustable output voltage to eliminate the need for external feedback
resistors. The output can be set from 0.6 V to 4.2 V by changing the voltage on the analog VCON pin. This
feature is useful in cell phone RF PA applications where peak power is needed only when the handset is far
away from the base station or when data is being transmitted. In other instances, the transmitting power can be
reduced; therefore the supply voltage to the PA can be reduced, promoting longer battery life. In order to
adaptively adjust the supply voltage to the PA in real time in a cell-phone application, the output voltage
transition should be fast enough to meet the RF transmit signal specifications. The LM3269 offers ultra-fast
output voltage transition without drawing very large currents from the battery supply. For a current limit of 1700
mA (typical), the output voltage can transition from 1.4 V to 3 V in 10 µs with a load resistance of 11.4
Ω.
7.3.2 Seamless Buck Transition
The LM3269 features a unique internal power switch topology that improves converter efficiency, especially
compared to typical non-inverting buck-boost converters. The LM3269 operates either as buck converter or a
boost converter, depending upon the input and output voltage conditions. This creates a boundary between the
buck and boost mode of operation. When the input battery voltage is close to the set output voltage, the
converter automatically switches seamlessly such that the output voltage does not see any perturbations at the
mode boundary. The excellent mode transition capability of the LM3269 enables low noise output with highest
efficiency. Internal feedback loop compensation ensures stable operation in buck, boost and buck-boost mode
transition operation.
7.3.3 Thermal Overload Protection
The LM3269 has a thermal overload protection function that operates to protect itself from short-term misuse and
over-load conditions. When the junction temperature exceeds around 150°C, the device inhibits operation. All
power MOSFET switches are turned off in PWM mode. When the temperature drops below 125°C, normal
operation resumes. Prolonged operation in thermal overload conditions may damage the device and is
considered bad practice.
7.4 Device Functional Modes
7.4.1 Enable And Shutdown Mode
Setting the EN digital pin low (< 0.6 V) places the LM3269 in shutdown mode (0.01
μA typical). During shutdown,
the output of the LM3269 is tri-stated, maintaining charge storage on the output capacitor. Setting EN high (> 1.2
V) enables normal operation. EN should be set low to turn off the LM3269 during power up and undervoltage
conditions when the power supply (PVIN) is less than the 2.7-V minimum operating voltage.
7.4.2 VCON,ON
The output is disabled when VCON is below 125 mV (typical). It is enabled when VCON is above 150 mV
(typical). The threshold has approximately 25 mV (typical) of hysteresis.
7.4.3 Pulse Frequency Modulation (PFM) Mode
The LM3269 enters PFM mode and operates with reduced switching frequency and supply current to maintain
very high efficiencies when the output voltage is less than 1.5 V. In PFM mode, the LM3269 will support up to
120 mA max. In PFM, if the output voltage exceeds 1.5 V, the device will automatically transition into a forced
PWM mode of operation.
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3269


Podobny numer części - LM3269_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
More results

Podobny opis - LM3269_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3209-G3 TI1-LM3209-G3_16 Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX77816EVKIT MAXIM-MAX77816EVKIT Datasheet
1Mb / 11P
   Buck and Boost Operation Including Seamless Transition between Buck and Boost Modes
Rev 0; 7/17
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI-LM3209-G3_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI1-LM3209-G3 Datasheet
186Kb / 6P
[Old version datasheet]   LM3209-G3 PRODUCT BRIEF Seamless-Transition Buck-Boost Converter for Battery- Powered 3G/4G RF Power Amplifiers
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A_08 Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com