Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317LCPWR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM317LCPWR
Szczegółowy opis  3-Terminal Adjustable Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LCPWR Arkusz danych(HTML) 1 Page - Texas Instruments

  LM317LCPWR Datasheet HTML 1Page - Texas Instruments LM317LCPWR Datasheet HTML 2Page - Texas Instruments LM317LCPWR Datasheet HTML 3Page - Texas Instruments LM317LCPWR Datasheet HTML 4Page - Texas Instruments LM317LCPWR Datasheet HTML 5Page - Texas Instruments LM317LCPWR Datasheet HTML 6Page - Texas Instruments LM317LCPWR Datasheet HTML 7Page - Texas Instruments LM317LCPWR Datasheet HTML 8Page - Texas Instruments LM317LCPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
C1 = 0.1 µF
VI
470 W
R1
R2
C2 = 1 µF
VO
Adjustment
Output
Input
LM317L
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM317L
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
LM317L 3-Terminal Adjustable Regulator
1 Features
3 Description
The LM317L device is an adjustable, 3-terminal,
1
Output Voltage Range Adjustable 1.25 V to 32 V
positive-voltage
regulator
capable
of
supplying
When Used With External Resistor Divider
100 mA over an output-voltage range of 1.25 V to
Output Current Capability of 100 mA
32 V. It is exceptionally easy to use and requires only
Input Regulation Typically 0.01% Per Input-
two external resistors to set the output voltage.
Voltage Change
Device Information
Output Regulation Typically 0.5%
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Ripple Rejection Typically 80 dB
SOIC (8)
4.90 mm × 3.91 mm
For Higher Output Current Requirements,
TO-92 (3)
4.30 mm × 4.30 mm
See LM317M (500 mA) and LM317 (1.5 A)
LM317L
SOT-89 (3)
4.50 mm × 2.50 mm
TSSOP (8)
3.00 mm × 4.40 mm
2 Applications
Electronic Points of Sale
Medical, Health, and Fitness Applications
Printers
Appliances and White Goods
TV Set-Top Boxes
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LM317LCPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM317LCPWR TI-LM317LCPWR Datasheet
278Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LCPWR TI1-LM317LCPWR Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Podobny opis - LM317LCPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com