Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM65MLVD129DGGR Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części SM65MLVD129DGGR
Szczegółowy opis  1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM65MLVD129DGGR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SM65MLVD129DGGR Datasheet HTML 5Page - Texas Instruments SM65MLVD129DGGR Datasheet HTML 6Page - Texas Instruments SM65MLVD129DGGR Datasheet HTML 7Page - Texas Instruments SM65MLVD129DGGR Datasheet HTML 8Page - Texas Instruments SM65MLVD129DGGR Datasheet HTML 9Page - Texas Instruments SM65MLVD129DGGR Datasheet HTML 10Page - Texas Instruments SM65MLVD129DGGR Datasheet HTML 11Page - Texas Instruments SM65MLVD129DGGR Datasheet HTML 12Page - Texas Instruments SM65MLVD129DGGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
21
22
23
24
4B
17
18
19
20
48
47
46
45
33
34
35
36
37
38
39
40
41
42
43
44
25
26
27
28
29
30
31
32
EN2
VCC
VCC
1A
3A
3B
GND
2A
5A
5B
6A
6B
VCC
1B
4A
GND
GND
8B
7A
7B
VCC
GND
8A
GND
NC
GND
VCC
GND
EN6
GND
VCC
VCC
NC
EN1
EN5
VCC
1D
EN4
EN3
GND
EN7
GND
VCC
VCC
EN8
GND
2B
MLVD128DGG
48-TSSOP PACKAGE
(TOP VIEW)
NC - No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
21
22
23
24
4B
17
18
19
20
48
47
46
45
33
34
35
36
37
38
39
40
41
42
43
44
25
26
27
28
29
30
31
32
EN2
VCC
VCC
1A
3A
3B
GND
2A
5A
5B
6A
6B
VCC
1B
4A
GND
GND
8B
7A
7B
VCC
GND
8A
GND
NC
GND
VCC
GND
EN6
GND
VCC
VCC
2D
EN1
EN5
VCC
1D
EN4
EN3
GND
EN7
GND
VCC
VCC
EN8
GND
2B
MLVD129DGG
48-TSSOP PACKAGE
(TOP VIEW)
SN65MLVD128
SN65MLVD129
SLLS586 – MARCH 2004
Table 1. Terminal Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
SN65MLVD128
1D
39
Input
Data inputs for drivers
EN1–EN8
27, 28, 32, 33, 40, 41, 45, 46
Input
Driver enable, active high, individual enables
1A–8A
2, 4, 8, 10, 14, 16, 20, 22
Output
M-LVDS bus noninverting output
1B–8B
3, 5, 9, 11, 15, 17, 21, 23
Output
M-LVDS bus inverting output
GND
6, 12, 18, 24, 25, 26, 31, 37, 38, 43, 44
Power
Circuit ground
VCC
1, 7, 13, 19, 29, 30, 35, 36, 47, 48
Power
Supply voltage
NC
34, 42
N/A
Not connected
SN65MLVD129
1D, 2D
39, 34
Input
Data inputs for drivers
EN1–EN8
27, 28, 32, 33,40, 41, 45, 46
Input
Driver enable, active high, individual enables
1A–8A
2, 4, 8, 10,14, 16, 20, 22
Output
M-LVDS bus noninverting output
1B–8B
3, 5, 9, 11,15, 17, 21, 23
Output
M-LVDS bus inverting output
GND
6, 12, 18, 24, 25, 26, 31, 37, 38, 43, 44
Power
Circuit ground
VCC
1, 7, 13, 19, 29, 30, 35, 36, 47, 48
Power
Supply voltage
NC
42
N/A
Not connected
9
Submit Documentation Feedback


Podobny numer części - SM65MLVD129DGGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM65MLVD129DGGR TI-SM65MLVD129DGGR Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results

Podobny opis - SM65MLVD129DGGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
[Old version datasheet]   DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com