Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT3613-30PCB Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części SN74ABT3613-30PCB
Szczegółowy opis  CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT3613-30PCB Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74ABT3613-30PCB Datasheet HTML 6Page - Texas Instruments SN74ABT3613-30PCB Datasheet HTML 7Page - Texas Instruments SN74ABT3613-30PCB Datasheet HTML 8Page - Texas Instruments SN74ABT3613-30PCB Datasheet HTML 9Page - Texas Instruments SN74ABT3613-30PCB Datasheet HTML 10Page - Texas Instruments SN74ABT3613-30PCB Datasheet HTML 11Page - Texas Instruments SN74ABT3613-30PCB Datasheet HTML 12Page - Texas Instruments SN74ABT3613-30PCB Datasheet HTML 13Page - Texas Instruments SN74ABT3613-30PCB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
SN74ABT3613
64
× 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
WITH BUS MATCHING AND BYTE SWAPPING
SCBS128F – JULY 1992 – REVISED APRIL 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
dynamic bus sizing
The port-B bus can be configured in a 36-bit long word, 18-bit word, or 9-bit byte format for data read from the
FIFO. Word- and byte-size bus selections can utilize the most-significant bytes of the bus (big endian) or
least-significant bytes of the bus (little endian). Port-B bus size can be changed dynamically and synchronous
to CLKB to communicate with peripherals of various bus widths.
The levels applied to the port-B bus-size select (SIZ0, SIZ1) inputs and the big-endian select (BE) input are
stored on each CLKB low-to-high transition. The stored port-B bus-size selection is implemented by the next
rising edge on CLKB according to Figure 1.
Only 36-bit long-word data is written to or read from the FIFO memory on the SN74ABT3613. Bus-matching
operations are done after data is read from the FIFO RAM. Port-B bus sizing does not apply to mail-register
operations.
Read From FIFO
Write to FIFO
(a) LONG-WORD SIZE
1st: Read From FIFO
2nd: Read From FIFO
(b) WORD SIZE – BIG ENDIAN
BYTE ORDER ON PORT A:
A35
A27
A26
A18
A17
A9
A8
A0
B35
B27
B26
B18
B17
B9
B8
B0
XL
L
BE
SIZ1
SIZ0
AB
CD
AB
CD
AB
CD
B35
B27
B26
B18
B17
B9
B8
B0
B35
B27
B26
B18
B17
B9
B8
B0
LL
H
BE
SIZ1
SIZ0
1st: Read From FIFO
2nd: Read From FIFO
(c) WORD SIZE – LITTLE ENDIAN
CD
AB
B35
B27
B26
B18
B17
B9
B8
B0
B35
B27
B26
B18
B17
B9
B8
B0
HL
H
BE
SIZ1
SIZ0
Figure 1. Dynamic Bus Sizing


Podobny numer części - SN74ABT3613-30PCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT3613 TI-SN74ABT3613 Datasheet
460Kb / 32P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613PCB TI-SN74ABT3613PCB Datasheet
460Kb / 32P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613PQ TI-SN74ABT3613PQ Datasheet
460Kb / 32P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
More results

Podobny opis - SN74ABT3613-30PCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT3613 TI-SN74ABT3613 Datasheet
460Kb / 32P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3614 TI-SN74ABT3614 Datasheet
636Kb / 41P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN54ABT3614 TI-SN54ABT3614 Datasheet
646Kb / 42P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805 TI1-SN74ALVC7805_09 Datasheet
416Kb / 18P
[Old version datasheet]   LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com