Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1085 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części LM1085
Szczegółowy opis  3-A Low Dropout Positive Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM1085_16 Datasheet HTML 6Page - Texas Instruments LM1085_16 Datasheet HTML 7Page - Texas Instruments LM1085_16 Datasheet HTML 8Page - Texas Instruments LM1085_16 Datasheet HTML 9Page - Texas Instruments LM1085_16 Datasheet HTML 10Page - Texas Instruments LM1085_16 Datasheet HTML 11Page - Texas Instruments LM1085_16 Datasheet HTML 12Page - Texas Instruments LM1085_16 Datasheet HTML 13Page - Texas Instruments LM1085_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM1085
SNVS038H – JULY 1999 – REVISED JANUARY 2015
www.ti.com
7.3 Feature Description
7.3.1 Ripple Rejection
Ripple rejection is a function of the open loop gain within the feed-back loop (refer to and Figure 13). The
LM1085 exhibits 75dB of ripple rejection (typ.). When adjusted for voltages higher than VREF, the ripple rejection
decreases as function of adjustment gain: (1+R1/R2) or VO/VREF. Therefore a 5V adjustment decreases ripple
rejection by a factor of four (
−12dB); Output ripple increases as adjustment voltage increases.
However, the adjustable version allows this degradation of ripple rejection to be compensated. The adjust
terminal can be bypassed to ground with a capacitor (CADJ). The impedance of the CADJ should be equal to or
less than R1 at the desired ripple frequency. This bypass capacitor prevents ripple from being amplified as the
output voltage is increased.
1/(2
π*fRIPPLE*CADJ) ≤ R1
(1)
7.3.2 Load Regulation
The LM1085 regulates the voltage that appears between its output and ground pins, or between its output and
adjust pins. In some cases, line resistances can introduce errors to the voltage across the load. To obtain the
best load regulation, a few precautions are needed.
Figure 11 shows a typical application using a fixed output regulator. Rt1 and Rt2 are the line resistances. VLOAD
is less than the VOUT by the sum of the voltage drops along the line resistances. In this case, the load regulation
seen at the RLOAD would be degraded from the data sheet specification. To improve this, the load should be tied
directly to the output terminal on the positive side and directly tied to the ground terminal on the negative side.
Figure 11. Typical Application Using Fixed Output Regulator
When the adjustable regulator is used (Figure 12), the best performance is obtained with the positive side of the
resistor R1 tied directly to the output terminal of the regulator rather than near the load. This eliminates line drops
from appearing effectively in series with the reference and degrading regulation. For example, a 5V regulator with
0.05
Ω resistance between the regulator and load will have a load regulation due to line resistance of 0.05Ω x IL.
If R1 (= 125
Ω) is connected near the load the effective line resistance will be 0.05Ω (1 + R2/R1) or in this case, it
is 4 times worse. In addition, the ground side of the resistor R2 can be returned near the ground of the load to
provide remote ground sensing and improve load regulation.
Figure 12. Best Load Regulation Using Adjustable Output Regulator
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM1085


Podobny numer części - LM1085_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
LM1085-12-220M SEME-LAB-LM1085-12-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
More results

Podobny opis - LM1085_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com