Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1086-ADJMDC Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM1086-ADJMDC
Szczegółowy opis  1.5-A Low Dropout Positive Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086-ADJMDC Arkusz danych(HTML) 1 Page - Texas Instruments

  LM1086-ADJMDC Datasheet HTML 1Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 2Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 3Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 4Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 5Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 6Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 7Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 8Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM1086
SNVS039J – JUNE 2000 – REVISED APRIL 2015
LM1086 1.5-A Low Dropout Positive Regulators
1 Features
3 Description
The LM1086 is a regulator with a maximum dropout
1
Available in 1.8-V, 2.5-V, 3.3-V, 5-V and
of 1.5 V at 1.5 A of load current. The device has the
Adjustable Versions
same pin-out as TI's industry standard LM317.
Current Limiting and Thermal Protection
Two resistors are required to set the output voltage of
Output Current 1.5 A
the adjustable output voltage version of the LM1086.
Line Regulation 0.015% (Typical)
Fixed output voltage versions integrate the adjust
Load Regulation 0.1% (Typical)
resistors.
The
LM1086
circuit
includes
a
zener
trimmed
2 Applications
bandgap reference, current limiting, and thermal
shutdown.
High-Efficiency Linear Regulators
Battery Chargers
Refer to LM1084 for the 5-A version, and the LM1085
for the 3-A version.
Post Regulation for Switching Supplies
Constant Current Regulators
Device Information(1)
Microprocessor Supplies
PART NUMBER PACKAGE
BODY SIZE (NOM)
WSON (8)
4 mm × 4 mm
LM1086
DDPAK/TO-263 (3)
10.18 mm × 8.41 mm
TO-220 (3)
14.986 mm × 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LM1086-ADJMDC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results

Podobny opis - LM1086-ADJMDC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com