Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT8996DW Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABT8996DW
Szczegółowy opis  10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT8996DW Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74ABT8996DW Datasheet HTML 1Page - Texas Instruments SN74ABT8996DW Datasheet HTML 2Page - Texas Instruments SN74ABT8996DW Datasheet HTML 3Page - Texas Instruments SN74ABT8996DW Datasheet HTML 4Page - Texas Instruments SN74ABT8996DW Datasheet HTML 5Page - Texas Instruments SN74ABT8996DW Datasheet HTML 6Page - Texas Instruments SN74ABT8996DW Datasheet HTML 7Page - Texas Instruments SN74ABT8996DW Datasheet HTML 8Page - Texas Instruments SN74ABT8996DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
SN54ABT8996, SN74ABT8996
10-BIT ADDRESSABLE SCAN PORTS
MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SCBS489C – AUGUST 1994 – REVISED APRIL 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
DESCRIPTION
A9–A0
Address inputs. The ASP compares addresses received via shadow protocol against the value at A9–A0 to determine
address match. The bit order is from most significant to least significant. An internal pullup at each A9–A0 terminal forces
the terminal to a high level if it has no external connection.
BYP
Bypass input. A low input at BYP forces the ASP into BYP or BYP/TRST status, depending on PTRST being high or
low, respectively. While BYP is low, shadow protocols are ignored. Otherwise, while BYP is high, the ASP is free to
respond to shadow protocols. An internal pullup forces BYP to a high level if it has no external connection.
CON
Connect indicator (output). The ASP indicates secondary-scan-port activity (resulting from BYP, BYP/TRST,
MULTICAST, or ON status) by forcing CON to be low. Inactivity (resulting from OFF, RESET, or TRST status) is indicated
when CON is high.
GND
Ground
PTCK
Primary test clock. PTCK receives the TCK signal required by IEEE Standard 1149.1-1990. The ASP always buffers
PTCK to STCK. Shadow protocols are received/acknowledged synchronously to PTCK and connect-status changes
invoked by shadow protocol are made synchronously to PTCK.
PTDI
Primary test data input. PTDI receives the TDI signal required by IEEE Standard 1149.1-1990. During appropriate TAP
states, the ASP monitors PTDI for shadow protocols. During shadow protocols, data at PTDI is captured on the rising
edge of PTCK. When a valid shadow protocol is received in this fashion, the ASP compares the received address against
the A9–A0 inputs. If the ASP detects a match, it outputs an acknowledgement and then connects its primary TAP
terminals to its secondary TAP terminals. Under BYP, BYP/TRST, MULTICAST or ON status, the ASP buffers the PTDI
signal to STDO. An internal pullup forces PTDI to a high level if it has no external connection.
PTDO
Primary test data output. PTDO transmits the TDO signal required by IEEE Standard 1149.1-1990. During shadow
protocols, the ASP transmits any required acknowledgement via the PTDO. The acknowledgement data output at PTDO
changes on the falling edge of PTCK. Under BYP, BYP/TRST, or ON status, the ASP buffers the PTDO signal from STDI.
Under OFF, MULTICAST, RESET, or TRST status, PTDO is at high impedance.
PTMS
Primary test mode select. PTMS receives the TMS signal required by IEEE Standard 1149.1-1990. The ASP monitors
the PTMS to determine the TAP-controller state. During stable TAP states other than Shift-DR or Shift-IR (i.e.,
Test-Logic-Reset, Run-Test-Idle, Pause-DR, Pause-IR) the ASP can respond to shadow protocols. Under BYP,
MULTICAST, or ON status, the ASP buffers the PTMS signal to STMS. An internal pullup forces PTMS to a high level
if it has no external connection.
PTRST
Primary test reset. PTRST receives the TRST signal allowed by IEEE Standard 1149.1-1990. The ASP always buffers
PTRST to STRST. A low input at PTRST forces the ASP to assume TRST or BYP/TRST status, depending on BYP being
high or low, respectively. Such operation also asynchronously resets the internal ASP state to its power-up condition.
Otherwise, while PTRST is high, the ASP is free to respond to shadow protocols. An internal pullup forces PTRST to
a high level if it has no external connection.
STCK
Secondary test clock. STCK retransmits the TCK signal required by IEEE Standard 1149.1-1990. The ASP always
buffers STCK from PTCK.
STDI
Secondary test data input. STDI receives the TDI signal required by IEEE Standard 1149.1-1990. Under BYP,
BYP/TRST, or ON status, the ASP buffers STDI to PTDO. An internal pullup forces STDI to a high level if it has no external
connection.
STDO
Secondary test data output. STDO transmits the TDO signal required by IEEE Standard 1149.1-1990. Under BYP,
BYP/TRST, MULTICAST, or ON status, the ASP buffers STDO from PTDI. Under OFF, RESET, or TRST status, STDO
is at high impedance.
STMS
Secondary test mode select. STMS retransmits the TMS signal required by IEEE Standard 1149.1-1990. Under BYP,
MULTICAST, or ON status, the ASP buffers STMS from PTMS. When disconnected (as a result of OFF status), STMS
maintains its last valid state until the ASP assumes BYP/TRST, RESET, or TRST status (upon which it is forced high)
or the ASP again assumes BYP, MULTICAST, or ON status.
STRST
Secondary test reset. STRST retransmits the TRST signal allowed by IEEE Standard 1149.1-1990. The ASP always
buffers STRST from PTRST.
VCC
Supply voltage


Podobny numer części - SN74ABT8996DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT8996DW TI-SN74ABT8996DW Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
More results

Podobny opis - SN74ABT8996DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
[Old version datasheet]   3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8996-EP TI1-SN74LVT8996-EP Datasheet
764Kb / 42P
[Old version datasheet]   3.3-V 10-BIT ADDRESSABLE SCAN PORT MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (KTAG) TAP TRANSCEIVER
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
   Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SCANSTA111 TI1-SCANSTA111 Datasheet
1Mb / 38P
[Old version datasheet]   SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com