Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT32245 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74ABT32245
Szczegółowy opis  36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT32245 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ABT32245 Datasheet HTML 1Page - Texas Instruments SN74ABT32245 Datasheet HTML 2Page - Texas Instruments SN74ABT32245 Datasheet HTML 3Page - Texas Instruments SN74ABT32245 Datasheet HTML 4Page - Texas Instruments SN74ABT32245 Datasheet HTML 5Page - Texas Instruments SN74ABT32245 Datasheet HTML 6Page - Texas Instruments SN74ABT32245 Datasheet HTML 7Page - Texas Instruments SN74ABT32245 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN54ABT32245, SN74ABT32245
36BIT BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS228C − JUNE 1992 − APRIL 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Members of the Texas Instruments
Widebus +
 Family
State-of-the-Art EPIC-ΙΙB BiCMOS Design
Significantly Reduces Power Dissipation
Latch-Up Performance Exceeds 500 mA
Per JEDEC Standard JESD-17
Typical V
OLP (Output Ground Bounce)
< 0.8 V at VCC = 5 V, TA = 25°C
Distributed V
CC and GND Pin Configuration
Minimizes High-Speed Switching Noise
High-Drive Outputs (−32-mA I
OH,
64-mA IOL)
Bus-Hold Inputs Eliminate the Need for
External Pullup Resistors
Packaged in 100-Pin Plastic Thin Quad
Flat (PZ) Package With 14
× 14-mm Body
Using 0.5-mm Lead Pitch
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
SN74ABT32245 ...PZ PACKAGE
(TOP VIEW)
1A9
2A1
GND
2A2
2A3
2A4
2A5
GND
2A6
2A7
2A8
2A9
VCC
3A1
3A2
3A3
3A4
GND
3A5
3A6
3A7
3A8
GND
3A9
4A1
1B9
2B1
GND
2B2
2B3
2B4
2B5
GND
2B6
2B7
2B8
2B9
VCC
3B1
3B2
3B3
3B4
GND
3B5
3B6
3B7
3B8
GND
3B9
4B1
50
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
description
The
′ABT32245 are 36-bit (quad 9-bit) noninverting 3-state transceivers designed for synchronous two-way
communication between data buses. The control-function implementation minimizes external timing
requirements.
These devices can be used as four 9-bit transceivers, two18-bit transceivers, or one 36-bit transceiver. They
allow data transmission from the A bus to the B bus or from the B bus to the A bus, depending upon the logic
level at the direction-control (DIR) inputs. The output-enable (OE) inputs can be used to disable the device so
that the buses are effectively isolated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Widebus+ and EPIC-
ΙΙB are trademarks of Texas Instruments Incorporated.
Copyright
 1995, Texas Instruments Incorporated


Podobny numer części - SN74ABT32245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT32245 TI-SN74ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ABT32245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245_07 Datasheet
215Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501_06 Datasheet
182Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32501 TI1-SN54ABT32501 Datasheet
149Kb / 8P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com