Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABTH162260 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABTH162260
Szczegółowy opis  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABTH162260 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ABTH162260 Datasheet HTML 1Page - Texas Instruments SN74ABTH162260 Datasheet HTML 2Page - Texas Instruments SN74ABTH162260 Datasheet HTML 3Page - Texas Instruments SN74ABTH162260 Datasheet HTML 4Page - Texas Instruments SN74ABTH162260 Datasheet HTML 5Page - Texas Instruments SN74ABTH162260 Datasheet HTML 6Page - Texas Instruments SN74ABTH162260 Datasheet HTML 7Page - Texas Instruments SN74ABTH162260 Datasheet HTML 8Page - Texas Instruments SN74ABTH162260 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN54ABTH162260, SN74ABTH162260
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES
WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SCBS240D – JUNE 1992 – REVISED MAY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D B-Port Outputs Have Equivalent 25-Ω
Series Resistors, So No External Resistors
Are Required
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D Typical VOLP (Output Ground Bounce)
< 1 V at VCC = 5 V, TA = 25°C
D High-Impedance State During Power Up
and Power Down
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D Flow-Through Architecture Optimizes PCB
Layout
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Package and
380-mil Fine-Pitch Ceramic Flat (WD)
Package Using 25-mil Center-to-Center
Spacings
description
The ’ABTH162260 are 12-bit to 24-bit multiplexed D-type latches used in applications where two separate data
paths must be multiplexed onto, or demultiplexed from, a single data path. Typical applications include
multiplexing and/or demultiplexing of address and data information in microprocessor or bus-interface
applications. These devices are also useful in memory-interleaving applications.
Three 12-bit I/O ports (A1–A12, 1B1–1B12, and 2B1–2B12) are available for address and/or data transfer. The
output-enable (OE1B, OE2B, and OEA) inputs control the bus-transceiver functions. The OE1B and OE2B
control signals also allow bank control in the A-to-B direction.
Address and/or data information can be stored using the internal storage latches. The latch-enable (LE1B,
LE2B, LEA1B, and LEA2B) inputs are used to control data storage. When the latch-enable input is high, the
latch is transparent. When the latch-enable input goes low, the data present at the inputs is latched and remains
latched until the latch-enable input is returned high.
The B-port outputs, which are designed to sink up to 12 mA, include equivalent 25-
Ω series resistors to reduce
overshoot and undershoot.
SN54ABTH162260 ...WD PACKAGE
SN74ABTH162260 . . . DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
OEA
LE1B
2B3
GND
2B2
2B1
VCC
A1
A2
A3
GND
A4
A5
A6
A7
A8
A9
GND
A10
A11
A12
VCC
1B1
1B2
GND
1B3
LE2B
SEL
OE2B
LEA2B
2B4
GND
2B5
2B6
VCC
2B7
2B8
2B9
GND
2B10
2B11
2B12
1B12
1B11
1B10
GND
1B9
1B8
1B7
VCC
1B6
1B5
GND
1B4
LEA1B
OE1B
Copyright
© 1997, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Widebus and EPIC-
ΙΙB are trademarks of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Podobny numer części - SN74ABTH162260

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABTH162260 TI-SN74ABTH162260 Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN74ABTH162260DL TI-SN74ABTH162260DL Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
More results

Podobny opis - SN74ABTH162260

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABTH162260 TI-SN54ABTH162260 Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
NXP Semiconductors
74ALVT16260 PHILIPS-74ALVT16260 Datasheet
91Kb / 14P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Jan 30
74ABT16260 PHILIPS-74ABT16260 Datasheet
79Kb / 12P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Feb 10
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com