Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IXYN80N90C3H1 Arkusz danych(PDF) 7 Page - IXYS Corporation

Numer części IXYN80N90C3H1
Szczegółowy opis  Preliminary Technical Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN80N90C3H1 Arkusz danych(HTML) 7 Page - IXYS Corporation

  IXYN80N90C3H1 Datasheet HTML 1Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 2Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 3Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 4Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 5Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 6Page - IXYS Corporation IXYN80N90C3H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
IXYN80N90C3H1
Fig. 25. Typ. Recovery Energy Erec vs. -diF/dt
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
600
700
800
900
1000
1100
1200
1300
-diF/dt [A/µs]
TVJ = 125ºC
VR = 600V
60A
30A
IF = 120A
Fig. 26. Maximum Transient Thermal Impedance ( Diode)
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Pulse Width [s]
Fig. 21. Typ. Forward characteristics
0
20
40
60
80
100
120
00.5
1
1.5
22.5
3
VF - [V]
TVJ = 25ºC
TVJ = 125ºC
Fig. 22. Typ. Reverse Recovery Charge Qrr vs. -diF/dt
4
5
6
7
8
9
10
11
12
600
700
800
900
1000
1100
1200
1300
-diF/ dt [A/µs]
TVJ = 125ºC
VR = 600V
IF = 120A
60A
30A
Fig. 23. Typ. Peak Reverse Current IRM vs. -diF/dt
20
30
40
50
60
70
80
90
600
700
800
900
1000
1100
1200
1300
diF/dt [A/µs]
TVJ = 125ºC
VR = 600V
30A
60A
IF = 120A
Fig. 24. Typ. Recovery Time trr vs. -diF/dt
200
300
400
500
600
700
600
700
800
900
1000
1100
1200
1300
-diF/dt [A/µs]
TVJ = 125ºC
VR = 600V
30A
60A
IF = 120A


Podobny numer części - IXYN80N90C3H1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IXYN82N120 ISC-IXYN82N120 Datasheet
528Kb / 3P
   High-Speed IGBT
logo
IXYS Corporation
IXYN82N120C3 IXYS-IXYN82N120C3 Datasheet
181Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
logo
Inchange Semiconductor ...
IXYN82N120C3 ISC-IXYN82N120C3 Datasheet
563Kb / 3P
   IGBT
logo
IXYS Corporation
IXYN82N120C3H1 IXYS-IXYN82N120C3H1 Datasheet
192Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
More results

Podobny opis - IXYN80N90C3H1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com